Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 39 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 35Page - Semtech Corporation LR2021 Datasheet HTML 36Page - Semtech Corporation LR2021 Datasheet HTML 37Page - Semtech Corporation LR2021 Datasheet HTML 38Page - Semtech Corporation LR2021 Datasheet HTML 39Page - Semtech Corporation LR2021 Datasheet HTML 40Page - Semtech Corporation LR2021 Datasheet HTML 41Page - Semtech Corporation LR2021 Datasheet HTML 42Page - Semtech Corporation LR2021 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
39 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
BT
3-dB bandwidth-symbol time
product, Programmable
Gaussian filtering enabled
0.3
-
1
-
BRLORA1
BRLORA2
BRLORA3
BRLORA4
Bit rate, LoRa
SF12, BWLORA = 31.25kHz, CR = 4/8
SF5, BWLORA = 500kHz, CR = 4/5
SF5, BWLORA = 1000kHz, CR = 4/5
SF12, BWLORA = 125kHz, CR = 4/5
SF5, BWLORA = 812kHz, CR = 4/5
-
-
-
-
-
45.8
62.5
125
292
101.5
-
-
-
-
-
bps
kbps
kbps
bps
kbps
BWLORA1
BWLORA2
Signal BW, LoRa
For frequency range 434MHz - 2500MHz
For frequency range 150MHz - 433MHz
7.825
7.825
-
-
1000
500
kHz
kHz
SF
Spreading factor coefficient, LoRa
chips/symbol = 2^SF
Programmable
5
-
12
-
BRB1
Bit rate, BPSK
Programmable, only 2 BR available
Tx only
0.1
-
0.6
kbps
BRLRFHSS
Bit rate, LR-FHSS
Raw bit rate
-
488
-
bps
BROOK
Bit rate, OOK
Programmable
1.2
-
32.768
kbps
BROOK_R
Bit rate, OOK in Rx mode
Programmable
1.2
-
2
Mbps
BWF
DSB channel filter BW,
FSK/GMSK/OOK
Programmable
3.4
-
2666
kHz
LOSS_S_BOOST
Sensitivity loss when Rx boost is
off
HF
LF
0.5
1
dB
dB
1. Phase Noise specifications are given for the recommended PLL bandwidth to be used for the specific modulation/ bit rate.
2. For frequencies equal or above 470MHz.
Table 3-8: General Specifications (Sheet 2 of 2)
Symbol
Description
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com