Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 97 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 97 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 93Page - Semtech Corporation LR2021 Datasheet HTML 94Page - Semtech Corporation LR2021 Datasheet HTML 95Page - Semtech Corporation LR2021 Datasheet HTML 96Page - Semtech Corporation LR2021 Datasheet HTML 97Page - Semtech Corporation LR2021 Datasheet HTML 98Page - Semtech Corporation LR2021 Datasheet HTML 99Page - Semtech Corporation LR2021 Datasheet HTML 100Page - Semtech Corporation LR2021 Datasheet HTML 101Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
97 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
6.3.5 SetRx
The SetRx command configures the radio in Rx mode. If the device does not receive any packet within the specified rx_timeout duration, it
automatically returns to fallback mode as defined by SetRxTxFallbackMode command.
rx_timeout is expressed in periods of the 32kHz RTC (Real-Time Clock) and sets the maximum timeout value to 512 seconds.
Setting rx_timeout to 0x000000 keeps the device in Rx mode until a reception occurs. After packet reception, the device
automatically returns to mode defined by command SetRxTxFallbackMode (Standby RC, Standby XOSC or FS mode). This is often
called single Rx mode.
Setting rx_timeout to 0xFFFFFF keeps the device in Rx mode until the host sends a command to change the mode. In this mode, the
device can receive multiple packets, providing a packet-done indication to the host each time a packet is received. It automatically
searches for new packets. This is often called continuous mode.
Otherwise, rx_timeout defines a timeout period after going to Rx. If the timeout function is active, the radio stops reception at the
end of the timeout period unless a preamble or a header is detected, as specified by the StopTimeoutOnPreamble configuration.
Note:
rx_timeout is optional. If not set (i.e. bits 2/3/4 not sent) the value configured with the SetDefaultRxTxTimeout command is used.
This command fails if the packet type does not allow Rx operations.
While in Rx mode, the BUSY signal goes low after the device is set, indicating its status. Additionally, the RF path (HF or LF) is selected
using SetRxPath command.
If image rejection was not calibrated for the current RF frequency, the command does not fail and still goes to Rx, but error
RxFreqNoCalErr is generated.
If the device is already in Rx mode, the command fails as timeout cannot be updated.
Table 6-11: SetRx Command
Byte
0
1
2
3
4
Data from Host
0x02
0x0C
rx_timeout (23:16)
rx_timeout (15:8)
rx_timeout (7:0)
Data to Host
Stat(15:8)
Stat(7:0)
IrqStatus (31:24)
IrqStatus (23:16)
IrqStatus (15:8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com