Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 11 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 7Page - Semtech Corporation LR2021 Datasheet HTML 8Page - Semtech Corporation LR2021 Datasheet HTML 9Page - Semtech Corporation LR2021 Datasheet HTML 10Page - Semtech Corporation LR2021 Datasheet HTML 11Page - Semtech Corporation LR2021 Datasheet HTML 12Page - Semtech Corporation LR2021 Datasheet HTML 13Page - Semtech Corporation LR2021 Datasheet HTML 14Page - Semtech Corporation LR2021 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
11 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
List of Figures
Figure 1-1: LR2021 Block Diagram........................................................................................... 18
Figure 1-2: Power Amplifiers................................................................................................... 20
Figure 1-3: PA LF Tx Power and IDD Tx vs Targeted Power (915MHz, 3.3V SIMO) ................. 21
Figure 1-4: PA LF Tx Power and IDD Tx vs Targeted Power (490MHz, 3.3V SIMO) ................. 22
Figure 1-5: PA LF Tx Power vs VBAT for +14, +17, +22dBm Targeted Output Power.............. 23
Figure 1-6: PA IDD Tx vs VBAT for +14, +17, +22dBm Targeted Output Power ...................... 23
Figure 1-7: PA HF Tx Power and IDD Tx vs Targeted Power (2445MHz, 3.3V SIMO) .............. 24
Figure 1-8: Switchless Dual Band Operation ........................................................................... 25
Figure 1-9: Modem Top View.................................................................................................. 26
Figure 1-10: POR and BRN Functions ...................................................................................... 27
Figure 1-11: SIMO Configuration and Connection .................................................................. 28
Figure 1-12: LDO Configuration and Connection .................................................................... 28
Figure 1-13: NTC Connection................................................................................................... 29
Figure 1-14: TCXO Circuit Diagram.......................................................................................... 30
Figure 2-1: LR2021 Pin-out in QFN32 Package ........................................................................ 32
Figure 3-1: SPI Timing Diagram ............................................................................................... 66
Figure 4-1: Chip Modes ........................................................................................................... 67
Figure 5-1: Write Command.................................................................................................... 72
Figure 5-2: Write Command.................................................................................................... 74
Figure 5-3: Read Command..................................................................................................... 75
Figure 5-4: Direct Read Timing Diagram.................................................................................. 75
Figure 5-5: Direct Write Timing Diagram................................................................................. 75
Figure 5-6: Tx Trigger Example ................................................................................................ 76
Figure 5-7: Tx Trigger Followed by FIFO Write Example ......................................................... 76
Figure 8-1: Modem Control Commands................................................................................ 137
Figure 9-1: LoRa Signal Bandwidth........................................................................................ 140
Figure 9-2: LoRa Packet Format ............................................................................................ 141
Figure 9-3: LoRa Fast CAD Principle....................................................................................... 143
Figure 11-1: FSK Modulation Parameters ............................................................................. 158
Figure 11-2: Fixed-Length Packet Format.............................................................................. 159
Figure 11-3: Variable-Length Packet Format......................................................................... 160
Figure 15-1: Bluetooth Low Energy Packet ........................................................................... 187
Figure 18-1: FLRC Fixed-length Packet Format...................................................................... 201
Figure 18-2: FLRC Variable-length Packet Format................................................................. 201
Figure 19-1: LR-FHSS Spectral Plot Example.......................................................................... 207
Figure 23-1: LR2021 Reference Design Schematic ................................................................ 225
Figure 23-2: LR2021 Reference Design PCB Layout............................................................... 226
Figure 24-1: Package Outline Drawing .................................................................................. 229
Figure 24-2: Package Marking .............................................................................................. 230
Figure 24-3: Land Pattern...................................................................................................... 231
Figure 24-4: Tape & Reel Information................................................................................... 232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com