Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 40 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 40 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 36Page - Semtech Corporation LR2021 Datasheet HTML 37Page - Semtech Corporation LR2021 Datasheet HTML 38Page - Semtech Corporation LR2021 Datasheet HTML 39Page - Semtech Corporation LR2021 Datasheet HTML 40Page - Semtech Corporation LR2021 Datasheet HTML 41Page - Semtech Corporation LR2021 Datasheet HTML 42Page - Semtech Corporation LR2021 Datasheet HTML 43Page - Semtech Corporation LR2021 Datasheet HTML 44Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
40 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
3.4.3 Receive Mode Specifications
The following table provides the receiver specification for Wireless M-Bus @80% PER 20 bytes. G13 rx_boost=7 for sensitivity
measurements.
Table 3-9: WM-Bus Receiver Specification (Sheet 1 of 3)
Symbol
Description
Conditions
Min Typ
Max Unit
WM_N2P4_S
Sensitivity
BR = 2.4kbps, FDA =
2.4kHz
-124
dBm
WM_N2P4_FREQERR
Max frequency error tolerated
FRF = 169MHz
+/- 2.5
kHz
WM_N2P4_BERR
Bit rate error tolerated
+/- 0.01
%
WM_N2P4_FDEVERR
Frequency deviation error tolerated
+/- 0.72
kHz
WM_N2P4_B_5P
Blocker +/- 5% RF
Wanted at sensi + 3dB
-30
dBm
WM_N2P4_B_2M
Blocker +/- 2MHz
Wanted at sensi + 3dB
-42
dBm
WM_N2P4_B_10M
Blocker +/- 10MHz
Wanted at sensi + 3dB
-32
dBm
WM_N4P8_S
Sensitivity
BR = 4.8kbps, FDA =
2.4kHz
-124
dBm
WM_N4P8_FREQERR
Max frequency error tolerated
FRF = 169MHz
+/- 2.5
kHz
WM_N4P8_BERR
Bit rate error tolerated
+/- 0.01
%
WM_N4P8_FDEVERR
Frequency deviation error tolerated
+/- 0.72
kHz
WM_N4P8_B_5P
Blocker +/- 5% RF
Wanted at sensi + 3dB
-29
dBm
WM_N4P8_B_2M
Blocker +/- 2MHz
Wanted at sensi + 3dB
-42
dBm
WM_N4P8_B_10M
Blocker +/- 10MHz
Wanted at sensi + 3dB
-32
dBm
WM_F2P4_S
Sensitivity
BR = 2.4kbps, FDA =
5.5kHz
-123
dBm
WM_F2P4_FREQERR
Max frequency error tolerated
FRF = 434MHz
+/-16
ppm
WM_F2P4_BERR
Bit rate error tolerated
+/- 0.01
%
WM_F2P4_FDEVERR
Frequency deviation error tolerated
-0.7/+1.5
kHz
WM_F2P4_B_5P
Blocker +/- 5% RF
Wanted at sensi + 3dB
-21
dBm
WM_F2P4_B_2M
Blocker +/- 2MHz
Wanted at sensi + 3dB
-42
dBm
WM_F2P4_B_10M
Blocker +/- 10MHz
Wanted at sensi + 3dB
-27
dBm
WM_C2O2M50_S
Sensitivity
BR = 50kbps, FDA = 25kHz
-113
dBm
WM_C2O2M50_FREQERR
Max frequency error tolerated
FRF = 868MHz
+/-25
ppm
WM_C2O2M50_BERR
Bit rate error tolerated
+/- 0.01
%
WM_C2O2M50_FDEVERR
Frequency deviation error tolerated
+/-6.25
kHz
WM_C2O2M50_B_5P
Blocker +/- 5% RF
Wanted at sensi + 3dB
-21
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com