Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 73 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 73 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 69Page - Semtech Corporation LR2021 Datasheet HTML 70Page - Semtech Corporation LR2021 Datasheet HTML 71Page - Semtech Corporation LR2021 Datasheet HTML 72Page - Semtech Corporation LR2021 Datasheet HTML 73Page - Semtech Corporation LR2021 Datasheet HTML 74Page - Semtech Corporation LR2021 Datasheet HTML 75Page - Semtech Corporation LR2021 Datasheet HTML 76Page - Semtech Corporation LR2021 Datasheet HTML 77Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
73 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
5.3 Data FIFO
The LR2021 transceiver is equipped with two 256-byte data buffers, functioning as FIFOs (First In First Out) for data transmission and
reception (Tx data FIFO and Rx data FIFO).
These data buffers are accessible in all operational modes except for the Sleep modes. However, it's important to note that after waking up
from any Sleep mode, the contents of both data buffers are cleared, resulting in the loss of all data previously stored in them.
The LR2021 provides programmable FIFO level thresholds for the data buffers, using IRQs. This feature enhances data flow control and
facilitates seamless communication between the host application and the transceiver.
The LR2021 provides multiple methods for monitoring the FIFO level:
IRQs (Interrupt Requests) mapped on the DIO (Digital Input/Output) pins: The FIFO level can trigger specific IRQs, which, when
detected on the DIO pins, indicate different fill levels of the FIFO. This allows the Host controller to receive real-time notifications
about the FIFO status, enabling timely data handling.
Readout through dedicated APIs (GetRxFifoLevel and GetTxFifoLevel). The dedicated Application Programming Interface (API)
allows the Host controller to directly read the FIFO level, providing an efficient way to access the FIFO level information when
needed.
5.3.1 Rx Data FIFO
In receive mode, the LR2021's activated modem automatically adds received data to the Rx data FIFO. The level of the FIFO is continuously
monitored to trigger specific interrupts. Status information in the ConfigFifoIrq command includes rx_low_threshold, rx_high_threshold,
and FIFO flags FifoEmpty, FifoFull, FifoOverflow, and FifoUnderflow.
The level of the Rx FIFO can be directly read using the GetRxFifoLevel command. The ReadRadioRxFifo command reads received bytes
sequentially from the Rx data FIFO. Additionally, the GetRxPktLength command reads the length of the last received packet.
In Rx continuous mode, all payload data from received packets are appended to the Rx FIFO. If the packet lengths are not known in advance,
the payload length needs to be read after each RxDone interrupt to determine which data belongs to which packet. As long as the total
number of received data fits into the FIFO and the developer is aware of the various payloads' lengths, there is no limit to the number of
concurrent packets stored in the Rx FIFO.
For payloads exceeding 256 bytes, the Rx FIFO must be read out while receiving new data utilizing the threshold information available
through the API or on the DIOs to avoid overflow. The Rx FIFO can be cleared using the ClearRxFifo command, discarding all data present in
the FIFO.
It is essential to note that all received data is written to the data buffer, even if the CRC (Cyclic Redundancy Check) is invalid, allowing for
user-defined post-processing of corrupted data. However, in the case of address error or length error, data are not received.
5.3.2 Tx Data FIFO
In transmit mode, the LR2021 requires that the data to be sent is written into the Tx data FIFO using the WriteRadioTxFifo command. The
level of the Tx FIFO is continuously monitored to trigger specific interrupts). Status information in the ConfigFifoIrq command includes
tx_low_threshold, tx_high_threshold and FIFO flags FifoUnderflow, FifoEmpty, FifoFull, and FifoOverflow.
The fill level of the Tx FIFO can also be directly read using the GetTxFifoLevel command. For payloads superior to 256 bytes, the Tx FIFO has
to be written when data is being transmitted, avoiding an underflow of the Tx FIFO, using the threshold informations available through the
API or the DIOs.
The Tx FIFO can be cleared with the ClearTxFifo command, discarding all data still in the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com