Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 20 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 16Page - Semtech Corporation LR2021 Datasheet HTML 17Page - Semtech Corporation LR2021 Datasheet HTML 18Page - Semtech Corporation LR2021 Datasheet HTML 19Page - Semtech Corporation LR2021 Datasheet HTML 20Page - Semtech Corporation LR2021 Datasheet HTML 21Page - Semtech Corporation LR2021 Datasheet HTML 22Page - Semtech Corporation LR2021 Datasheet HTML 23Page - Semtech Corporation LR2021 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
20 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
1.2 Transmitter RF Path
During a transmission, the data intended for transmission is stored in the transmitter First-In-First-Out (FIFO) buffer through SPI
communication. Once the transmission commences, the packet handler efficiently packs the data before it undergoes modulation using one
of the available modulators: LoRa, (G)(M)FSK, OOK, 4-FSK, FLRC or LR-FHSS.
After modulation, the signal is further amplified using one of the two main Tx channels available in the circuit:
High-Frequency Transmitter (PA_HF): This channel is dedicated to high-frequency transmission needs up to +12dBm, such as in the
1.5 - 2.5GHz frequency range used for satellite communication and other licensed bands. The amplified signal is available on pin
RFO_HF.
Low-Frequency Transmitter (PA_LF): This channel is specifically designed for low-frequency transmission up to +22dBm, covering
sub-GHz ISM frequency bands and various other applications. The amplified signal is available on pins RFO_LF1 and RFO_LF2. These
two pins must be connected together at PCB level to provide a singled ended configuration.
To facilitate proper biasing and control of the output power for each amplifier, a choke inductor is externally connected between the
respective output of the amplifiers and VR_PA (Voltage Regulator_PA). Additionally, off-chip impedance matching and harmonic filtering
are carried out using external components to optimize the performance of the amplifiers.
An internal regulator provides the output power of the power amplifiers and guarantees a smooth ramping to avoid spectral splatter. It
achieves this by adjusting the voltage on VR_PA according to the required output power, enabling efficient power management.
Figure 1-2: Power Amplifiers
For both the high and low-frequency paths, there are two possible methods to connect the Tx and Rx paths to the antenna:
RF Switch Method: An RF switch can be used to connect both Tx and Rx paths to the antenna. While this ensures improved
performance by maintaining separate paths for Tx and Rx, it involves the inclusion of an additional RF switch component.
Direct-Tie Method: This method directly connects the paths to the antenna without using an RF switch, thus eliminating the cost of
an additional component.
Semtech proposes an optimized direct-tie implementation for both the LF and HF paths, more details are given in 1.2.3 Direct-Tie
Implementation.
The developer should configure the PA corresponding to the output power and current consumption requirements of the application. No
automatic frequency limitation is performed during the PA selection: the frequency selection has to be performed according to the
capability offered by the external matching network component values.
PA
HF
PA
LF
RFO_LF1
RFO_LF2
REG_PA
PA_CTRL
SLICE
RFO_HF
VR_PA
[-19.5 : +12] dBm
[-9.5 : +22] dBm
DUTYC
Modems
(LoRa/CPFSK
OOK/LRHFSS)
PLL
VPAX
DUTYC
SIMO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com