Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 57 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 57 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 53Page - Semtech Corporation LR2021 Datasheet HTML 54Page - Semtech Corporation LR2021 Datasheet HTML 55Page - Semtech Corporation LR2021 Datasheet HTML 56Page - Semtech Corporation LR2021 Datasheet HTML 57Page - Semtech Corporation LR2021 Datasheet HTML 58Page - Semtech Corporation LR2021 Datasheet HTML 59Page - Semtech Corporation LR2021 Datasheet HTML 60Page - Semtech Corporation LR2021 Datasheet HTML 61Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
57 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
LORA_SUB_31_SF5
Sensitivity LoRa
BWLORA = 31kHz, SF = 5, CR 4/5
-
-128
-
dBm
LORA_SUB_31_SF6
BWLORA = 31kHz, SF = 6, CR 4/5
-
-130.5
-
dBm
LORA_SUB_31_SF7
BWLORA = 31kHz, SF = 7, CR 4/5
-
-133
-
dBm
LORA_SUB_31_SF8
BWLORA = 31kHz, SF = 8, CR 4/5
-
-135.5
-
dBm
LORA_SUB_31_SF9
BWLORA = 31kHz, SF = 9, CR 4/5
-
-138
-
dBm
LORA_SUB_31_SF10
BWLORA = 31kHz, SF = 10, CR 4/5
-
-142
-
dBm
LORA_SUB_31_SF11
BWLORA = 31kHz, SF = 11, CR 4/5
-
-144.5
-
dBm
LORA_SUB_31_SF12
BWLORA = 31kHz, SF = 12, CR 4/5
-
-147
-
dBm
LORA_CCR_6
Co-channel rejection, LoRa
CW in band SF = 7, CR=4/5
-
7.25
-
dB
LORA_CCR_7
CW in band SF = 12, CR=4/5
-
22.5
-
dB
LORA_ACR7
Adjacent channel rejection,
LoRa
Offset = +/- 1.5 x BWLORA
BWLORA = 125kHz, SF = 7
-
61
-
dB
LORA_ACR12
BWLORA = 125kHz, SF = 12
-
75
-
dB
LORA_BI_SF12_1M
Blocking immunity, LoRa,
BWLORA = 125kHz
SF =12, offset = +/- 1MHz
-
79
-
dB
LORA_BI_SF12_2M
SF =12, offset = +/- 2MHz
-
89
-
dB
LORA_BI_SF12_10M
SF =12, offset = +/- 10MHz
-
100
-
dB
LORA_BI_SF7_1M
SF =7, offset = +/- 1MHz
-
64
-
dB
LORA_BI_SF7_2M
SF =7, offset = +/- 2MHz
-
76
-
dB
LORA_BI_SF7_10M
SF =7, offset = +/- 10MHz
-
86
-
dB
LORA_FDRIFT1
LoRa frequency drift
tolerance
For sensitivity degradation
below 2dB
BWLORA = 125kHz, SF10,
LowDataRateOptimize = 0
-
-
200
Hz/s
LORA_FDRIFT2
LoRa frequency drift
tolerance
BWLORA = 125kHz, SF12,
LowDataRateOptimize = 1
-
-
100
Hz/s
LORA_FERR_L1
LoRa Maximum tolerated
frequency offset between
transmitter and receiver
All bandwidths
-25
25
%BW
LORA_FERR_L2
LoRa Maximum tolerated
frequency offset between
transmitter and receiver for
at most 3dB degradation
All bandwidths
-33
33
%BW
Table 3-17: LoRa Sub-GHz 64B Payload (Sheet 4 of 5)
Symbol
Description
Conditions
Min Typ
Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com