Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 65 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 65 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 61Page - Semtech Corporation LR2021 Datasheet HTML 62Page - Semtech Corporation LR2021 Datasheet HTML 63Page - Semtech Corporation LR2021 Datasheet HTML 64Page - Semtech Corporation LR2021 Datasheet HTML 65Page - Semtech Corporation LR2021 Datasheet HTML 66Page - Semtech Corporation LR2021 Datasheet HTML 67Page - Semtech Corporation LR2021 Datasheet HTML 68Page - Semtech Corporation LR2021 Datasheet HTML 69Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
65 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
3.7 Digital I/O and Interface Specifications
The tables below give the electrical specifications of the LR2021 transceiver under the following conditions, unless otherwise specified:
VBAT = 3.3V, Temperature = 25°C, FXOSC = 32MHz XTAL used.
3.7.1 Digital I/O Specifications
Table 3-26: Digital I/O Specifications
Symbol
Description
Condition
Min
Typ
Max
Unit
VIH
Input High Voltage
0.7*VBAT
-
VBAT+0.3
V
VIL
Input Low Voltage
-0.3
0.3*VBAT
V
VOH
Output High Voltage
Imax = 2.5mA
0.9*VBAT
VBAT
V
VOL
Output Low Voltage
Imax=-2.5mA
0
0.1*VBAT
V
ZPUD
Pull-up and Pull-down Resistor
Any DIO pin when pulled up
or down
40
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com