Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 36 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 36 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 32Page - Semtech Corporation LR2021 Datasheet HTML 33Page - Semtech Corporation LR2021 Datasheet HTML 34Page - Semtech Corporation LR2021 Datasheet HTML 35Page - Semtech Corporation LR2021 Datasheet HTML 36Page - Semtech Corporation LR2021 Datasheet HTML 37Page - Semtech Corporation LR2021 Datasheet HTML 38Page - Semtech Corporation LR2021 Datasheet HTML 39Page - Semtech Corporation LR2021 Datasheet HTML 40Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
36 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
Table 3-6: Receive Mode Power Consumption
Symbol
Description
Conditions
Min
Typ
Max Unit
IDDRXLFFD1
Supply current in Receive mode
BRF = 0.6kbps, FDA = 0.8kHz, BWF = 4kHz
-
5.5
-
mA
IDDRXLFFD2
BRF = 1.2kbps, FDA = 5kHz, BWF = 20kHz
-
5.5
-
mA
IDDRXLFFD3
BRF = 4.8kbps, FDA = 5kHz, BWF = 20kHz
-
5.6
-
mA
IDDRXLFFD4
BRF = 38.4kbps, FDA = 40kHz, BWF = 160kHz -
5.7
-
mA
IDDRXLFFD5
BRF = 50kbps, FDA = 12.5kHz, BWF = 100kHz -
5.6
-
mA
IDDRXLFFD6
BRF = 100kbps, FDA = 50kHz, BWF = 200kHz
-
5.7
-
mA
IDDRXLFFD7
BRF = 250kbps, FDA = 125kHz, BWF =
500kHz
-
5.9
-
mA
IDDRXLFD2
MSK 2Mbps
-
7.9
-
mA
IDDRXLFFLD1
FLRC 260kbps
-
6.6
-
mA
IDDRXLFFLD2
FLRC 2600kbps
-
10.4
-
mA
IDDRXLFL4
LoRa SF7 125kHz
-
5.7
-
mA
IDDRXLFL5
LoRa SF7 250kHz
-
5.7
-
mA
IDDRXLFL8
LoRa SF7 406kHz
-
6
-
mA
IDDRXLFL6
LoRa SF7 500kHz
-
5.9
-
mA
IDDRXLFL9
LoRa SF7 812kHz
-
6.9
-
mA
IDDRXLFL7
LoRa SF7 1000kHz
-
6.5
-
mA
IDDDELTA1
Additional consumption of Rx
boosted mode LF path
Boosted LF vs default LF
-
1.2
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com