| Electronic Components Datasheet Search |
|
LR2021 Datasheet(PDF) 69 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
LR2021 Datasheet(HTML) 69 Page - Semtech Corporation |
|
69 / 236 page ![]() LR2021 Final Datasheet Rev. 1.1 DS.LR2021 10/14/25 69 of 236 Semtech Proprietary & Confidential LR2021 www.semtech.com 4.2 Reset The LR2021 has three distinct reset sources that can trigger a reset of the device, initiating the start-up sequence for smooth operation: The Power-On-Reset (POR) is one of the reset sources available in the LR2021. It initiates a restart of the device when the power supply is first applied, ensuring a reliable and controlled start-up process. The Brown-Out Reset (BRN) is another reset source that triggers a device restart. It comes into play if the supply voltage falls below a certain threshold, providing an added layer of protection against improper operation under low-voltage conditions. The RESET procedure is as follows: 1. Assert NRESET low for minimum 100µs. 2. Release NRESET. 3. Wait for boot calibration (see Section 4.3). 4. Device enters STDBY_RC mode. 5. Ready for SPI commands. 6. In the post-RESET state: All registers return to default values FIFO contents are cleared DIO pins are in default configuration. During each of the reset procedures mentioned above, the BUSY signal remains high, indicating that the LR2021 is undergoing the restart process. After the reset event, the device enters its startup sequence. 4.3 Start-up and Boot Calibration Sequence During power-up or after a reset event, the LR2021 initiates its start-up phase, where various internal processes are executed to prepare the device for operation. Throughout this start-up phase, the BUSY signal is set to high, indicating that the device is currently busy with its initialization and cannot accept any external commands. The start-up sequence encompasses essential tasks such as initialization, configuration, and calibration to ensure the device's proper operation. Once the calibration phase is completed, the LR2021 transitions into Standby RC mode. In this mode, the device is ready to accept external commands and perform its intended operations. As the device enters Standby RC mode, the BUSY signal returns to a low state, indicating that the LR2021 is now idle and capable of receiving commands from the developer. Refer to Section 6.4 for Calibration details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |