Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 61 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 61 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 57Page - Semtech Corporation LR2021 Datasheet HTML 58Page - Semtech Corporation LR2021 Datasheet HTML 59Page - Semtech Corporation LR2021 Datasheet HTML 60Page - Semtech Corporation LR2021 Datasheet HTML 61Page - Semtech Corporation LR2021 Datasheet HTML 62Page - Semtech Corporation LR2021 Datasheet HTML 63Page - Semtech Corporation LR2021 Datasheet HTML 64Page - Semtech Corporation LR2021 Datasheet HTML 65Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
61 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
Table 3-20: General Receiver Specifications
Symbol
Description
Conditions
Min
Typ Max Unit
BW
Receiver bandwidth
3.5
3076
kHz
RX_HF_FREQR
High frequency path (HF) Rx input
frequency range
On pin RFI_HF
1500
-
2600
MHz
RX_LF_FREQR
Low Frequency (LF) Rx input frequency
range
On pin RFI_LF
150
-
960
MHz
LF_N_IIP3
3rd order input intercept point LF path
Unwanted tones @1MHz and 1.96MHz
-
-12
-
dBm
HF_N_IIP3
3rd order input intercept point HF path
Unwanted tones @1MHz and 1.96MHz
-
-12
-
dBm
LF_W_IIP3
3rd order input intercept point LF path
Unwanted tones @20MHz and 39.4MHz
-
-10
-
dBm
HF_W_IIP3
3rd order input intercept point HF path
Unwanted tones @20MHz and 39.4MHz
-
-10
-
dBm
IMR_LF_UC
Image attenuation, sub-GHz path
Without image calibration
-
35
-
dB
IMR_LF_C
Image attenuation, sub-GHz path after
calibration
With image calibration BW < 500kHz
-
45
-
dB
IMR_HF_UC
Image attenuation, 2.4GHz path
Without image calibration on high
frequency path
-
25
-
dB
IMR_HF_C
Image attenuation, 2.4GHz path after
calibration
With image calibration BW < 500kHz on
high frequency path
-
35
-
dB
HF_M_IP
LF_M_IP
Max input power at LNA input HF path
Max input power at LNA input LF path
6
6
dBm
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com