Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 1 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 1 Page - Semtech Corporation

  LR2021 Datasheet HTML 1Page - Semtech Corporation LR2021 Datasheet HTML 2Page - Semtech Corporation LR2021 Datasheet HTML 3Page - Semtech Corporation LR2021 Datasheet HTML 4Page - Semtech Corporation LR2021 Datasheet HTML 5Page - Semtech Corporation LR2021 Datasheet HTML 6Page - Semtech Corporation LR2021 Datasheet HTML 7Page - Semtech Corporation LR2021 Datasheet HTML 8Page - Semtech Corporation LR2021 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 236 page
background image
1 of 236
Semtech
Proprietary & Confidential
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
LR2021
LR2021 Datasheet
Long Range, Low Power, Multi-band LoRa® Transceiver
www.semtech.com
Characteristics
• Receiver (Rx) Performance
• LoRa® sub-GHz: -141.5dBm @LoRa® 125kHz
• FLRC sub-GHz: -111dBm @260kbps
• FLRC sub-GHz: -104.5dBm @0.975Mbps
-101.5dBm @1.95Mbps
• O-QPSK 802.15.4 2.4GHz: -103dBm @250kbps DSSS
• O-QPSK sub-GHz: -111dBm @100kbps DSSS
• Bluetooth® LE PHY: -100dBm @1Mbps
-97dBm @2Mbps
• Transmitter (Tx) Performance
• Up to +22dBm @sub-GHz
• Up to +12dBm @2.4GHz
• 32dB dynamic in 0.5dB steps
• Low current consumption
• Rx current 5.7mA @sub-GHz
• Tx current 105mA @+22dBm
27mA @+14dBm
12mA @+10dBm sub-GHz
• Low sleep current 470nA
• -40 to +85°C, 1.8 to 3.7V supply
Packaging and Ordering
• 5mm x 5mm QFN package
• MOQ 3000 pieces, Tape & Reel
• Ordering code: LR2021IMLTRT
Generation 4 LoRa® IP
• Multi-SF receiver
• Multi-region front-end
• Improved CAD
• Increased frequency offset tolerance
PHY Compatibility for Protocols
• LoRa / LoRaWAN® at Sub-GHz and 2.4GHz
• Amazon Sidewalk
• Sigfox BPSK
• Wi-SUN FSK
• Wireless M-BUS (device and collector)
• Z-Wave®, Z-Wave LR
• IEEE® 802.15.4™ Thread® and Zigbee™ O-QPSK
• Bluetooth® LE 5.0 PHY compatible
• 2-FSK & 4-FSK based protocols
Key Features
• 150 - 960MHz bands
• 1.5 - 2.5GHz bands
• FLRC up to 2.6Mbps
• LoRa up to 125kbps
• LR-FHSS for SATCOM


Similar Part No. - LR2021

ManufacturerPart #DatasheetDescription
logo
Energizer
LR20 ENERGIZER-LR20 Datasheet
2Mb / 1P
Zinc-manganese Dioxide No added mercury or cadmium
logo
VARTA AG
LR20 VARTA-LR20 Datasheet
88Kb / 1P
Zn-MnO₂ (Alkaline)
2022-04-06
logo
LightGraphix
LR20 LIGHTGRAPHIX-LR20 Datasheet
3Mb / 6P
INTERIOR LINEAR RIGID
23 April 2026
LR20-LT1400 LIGHTGRAPHIX-LR20-LT1400 Datasheet
3Mb / 6P
INTERIOR LINEAR RIGID
23 April 2026
LR20-LT2000 LIGHTGRAPHIX-LR20-LT2000 Datasheet
3Mb / 6P
INTERIOR LINEAR RIGID
23 April 2026
More results

Similar Description - LR2021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
Low Power Long Range Transceiver
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
Low Power Long Range Transceiver
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
logo
Dorji Industrial Group ...
DRF1278DX DORJI-DRF1278DX Datasheet
871Kb / 11P
500mW Long Range Lora Data Radio Modem
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
Low Power Long Range Transceiver Module V1.0
logo
AUREL S.p.A.
650201415G AUREL-650201415G Datasheet
108Kb / 1P
LOW POWER TM LoRa transceiver
15.10.2016 - Rev A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com