Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 21 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 17Page - Semtech Corporation LR2021 Datasheet HTML 18Page - Semtech Corporation LR2021 Datasheet HTML 19Page - Semtech Corporation LR2021 Datasheet HTML 20Page - Semtech Corporation LR2021 Datasheet HTML 21Page - Semtech Corporation LR2021 Datasheet HTML 22Page - Semtech Corporation LR2021 Datasheet HTML 23Page - Semtech Corporation LR2021 Datasheet HTML 24Page - Semtech Corporation LR2021 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
21 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
1.2.1 Low Frequency Power Amplifier (PA LF)
PA LF is designed for sub-GHz operation (150-960MHz), optimized to deliver between -9.5dBm and +22dBm in 0.5dB steps.
The PA output power is controlled by three main parameters, configurable through SPI commands:
• tx_power: Programmed power level (SetTxParams)
• pa_lf_duty_cycle: PA conduction angle and bias setting (SetPaConfig)
• pa_lf_slices: Size control for LF PA cell (SetPaConfig)
The various output power steps can thus be obtained through combinations of these 3 parameters, allowing to optimize the output power,
current consumption or PA harmonics level, depending on the application PCB implementation. Therefore a defined set of optimized PA
parameters can be defined to reach the targeted Tx power for each application PCB. Please refer to Table 7-16 & Table 7-17 for optimal
values for 490MHz and 915MHz respectively.
Figure 1-3 and Figure 1-4 below show the relationship between the PA LF output power and current consumption versus the targeted power
at 3.3V in SIMO configuration with these optimized settings for both Semtech 915MHz reference design, and 490MHz reference design
respectively.
Figure 1-3: PA LF Tx Power and IDD Tx vs Targeted Power (915MHz, 3.3V SIMO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com