Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 22 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 18Page - Semtech Corporation LR2021 Datasheet HTML 19Page - Semtech Corporation LR2021 Datasheet HTML 20Page - Semtech Corporation LR2021 Datasheet HTML 21Page - Semtech Corporation LR2021 Datasheet HTML 22Page - Semtech Corporation LR2021 Datasheet HTML 23Page - Semtech Corporation LR2021 Datasheet HTML 24Page - Semtech Corporation LR2021 Datasheet HTML 25Page - Semtech Corporation LR2021 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
22 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
Figure 1-4: PA LF Tx Power and IDD Tx vs Targeted Power (490MHz, 3.3V SIMO)
The Tx Power (orange curve) demonstrates good linearity from 10dBm to 22dBm target power, with the actual output power closely
tracking the targeted power. Current consumption (blue curve) shows a non-linear relationship range, as the current increases progressively
at higher power levels, from approximately 18mA at +10dBm to 120mA at +22dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com