Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBV3401 Datasheet (PDF) - Leshan Radio Company

MMBV3401 Datasheet PDF - Leshan Radio Company
Part # MMBV3401
Download  MMBV3401 Download
File Size   56.71 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Silicon Ping Diode

MMBV3401 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBV3401 Datasheet PDF - Leshan Radio Company

Part # MMBV3401
Download  MMBV3401 Click to download

File Size   56.71 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Silicon Ping Diode

MMBV3401 Datasheet (HTML) - Leshan Radio Company


MMBV3401 Product details

This device is designed primarily for VHF band switching applications but is also suitable for use in general–purpose switching circuits. Supplied in a Surface Mount package.

• Rugged PIN Structure Coupled with Wirebond Construction for Optimum Reliability
• Low Capacitance – 0.7 pF Typ at VR = 20 Vdc
• Very Low Series Resistance at 100 MHz – 0.34 Ohms (Typ) @ IF = 10 mAdc
• Device Marking: 4D




Similar Part No. - MMBV3401

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBV3401 PANJIT-MMBV3401 Datasheet
85Kb / 3P
SURFACE MOUNT PIN DIODE
logo
ON Semiconductor
MMBV3401LT1G ONSEMI-MMBV3401LT1G Datasheet
118Kb / 3P
Silicon Pin Diode
August, 2009 ??Rev. 6
MMBV3401LT3G ONSEMI-MMBV3401LT3G Datasheet
118Kb / 3P
Silicon Pin Diode
August, 2009 ??Rev. 6
logo
Pan Jit International I...
MMBV3401R-12K PANJIT-MMBV3401R-12K Datasheet
85Kb / 3P
SURFACE MOUNT PIN DIODE
MMBV3401R-3K PANJIT-MMBV3401R-3K Datasheet
85Kb / 3P
SURFACE MOUNT PIN DIODE
More results


Similar Description - MMBV3401

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
SILICON DIODE
logo
Sanken electric
EG01C SANKEN-EG01C Datasheet
137Kb / 4P
Silicon Diode
EM1A SANKEN-EM1A Datasheet
169Kb / 4P
Silicon Diode
EM1B SANKEN-EM1B Datasheet
179Kb / 4P
Silicon Diode
EM2 SANKEN-EM2 Datasheet
183Kb / 3P
Silicon Diode
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
Silicon Diode
logo
Unisonic Technologies
FCU20U20 UTC-FCU20U20 Datasheet
101Kb / 3P
SILICON DIODE
logo
ATMEL Corporation
AT89C5131 ATMEL-AT89C5131_14 Datasheet
65Kb / 5P
USB ??Ping-Pong databank 1 Re-transmission Failure
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com