Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBV3401 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMBV3401
Description  Silicon Ping Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBV3401 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMBV3401 Datasheet HTML 1Page - Leshan Radio Company MMBV3401 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
MMBV3401LT1–1/2
1
3
2
CASE
318–08, STYLE 6
SOT– 23 (TO–236AB)
MMBV3401LT1
Silicon Pin Diode
This device is designd primarily for VHF band switching applications
but is also suitable for use in general-purpose switching circuits.Supplied
in a surface Mount package.
• Rugged Pin Structure Coupled with Wirebond Construction
for Optimum Reliability
• Low Capacitance—0.7pF Typ at VR=20Vdc
• Very Low Series Resistance at 100MHz—0.34Ohms(Typ)@IF=10mAdc
SILICON PIN
SWITCHING DIODE
MAXIMUM RATINGS(EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
V R
20
Vdc
Forward power Dissipation @T A = 25°C
P D
200
mW
Derate above 25°C
2.0
mW/°C
Junction Temperature
T J
+125
°C
Storage Temperature Range
T stg
–55 to +150
°C
DEVICE MARKING
MMBV3401LT1=4D
ELECTRICAL CHARACTERISTICS(T
A=25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V (BR)R
35
—
—
Vdc
(IR=10
µAdc)
Diode Capacitance
C T
—
—
1.0
pF
(VR=20 Vdc)
Series Resistance(figure5)
R S
—
—
0.7
Ω
(IF=10mAdc,f=100MHz)
Reverse Voltage Leakage Current
I R
—
—
0.1
µAdc
(VR=15Vdc)
3
CATHODE
1
ANODE


Similar Part No. - MMBV3401

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBV3401 PANJIT-MMBV3401 Datasheet
85Kb / 3P
SURFACE MOUNT PIN DIODE
logo
ON Semiconductor
MMBV3401LT1G ONSEMI-MMBV3401LT1G Datasheet
118Kb / 3P
Silicon Pin Diode
August, 2009 ??Rev. 6
MMBV3401LT3G ONSEMI-MMBV3401LT3G Datasheet
118Kb / 3P
Silicon Pin Diode
August, 2009 ??Rev. 6
logo
Pan Jit International I...
MMBV3401R-12K PANJIT-MMBV3401R-12K Datasheet
85Kb / 3P
SURFACE MOUNT PIN DIODE
MMBV3401R-3K PANJIT-MMBV3401R-3K Datasheet
85Kb / 3P
SURFACE MOUNT PIN DIODE
More results

Similar Description - MMBV3401

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
SILICON DIODE
logo
Sanken electric
EG01C SANKEN-EG01C Datasheet
137Kb / 4P
Silicon Diode
EM1A SANKEN-EM1A Datasheet
169Kb / 4P
Silicon Diode
EM1B SANKEN-EM1B Datasheet
179Kb / 4P
Silicon Diode
EM2 SANKEN-EM2 Datasheet
183Kb / 3P
Silicon Diode
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
Silicon Diode
logo
Unisonic Technologies
FCU20U20 UTC-FCU20U20 Datasheet
101Kb / 3P
SILICON DIODE
logo
ATMEL Corporation
AT89C5131 ATMEL-AT89C5131_14 Datasheet
65Kb / 5P
USB ??Ping-Pong databank 1 Re-transmission Failure
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com