Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBV3401 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MMBV3401
Description  Silicon Ping Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBV3401 Datasheet(HTML) 2 Page - Leshan Radio Company

  MMBV3401 Datasheet HTML 1Page - Leshan Radio Company MMBV3401 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
MMBV3401LT1–2/2
MMBV3401LT1
50
40
30
20
10
0
0.5
0.6
0.7
0.8
0.9
1.0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2.0
4.0
6.0
8.0
10
12
14
16
V F , FORWARD VOLTAGE ( VOLTS )
Figure 2. Forward Voltage
I F , FORWARD CURRENT ( mA )
Figure 1. Series Resistance
TA = 25°C
100
40
10
4.0
1.0
0.4
0.1
0.04
0.01
0.004
0.001
- 60
- 20
0
+20
+60
+100
+140
T A, AMBIENT TEMPERATURE (°C)
Figure 4. Leakage Current
TYPICAL CHARACTERISTICS
20
10
7.0
5.0
2.0
1.0
0.7
0.5
0.2
+3.0
0
-3.0
-6.0
-9.0
-12
-15
-18
-21
-24
-17
V R= 25Vdc
V R , FORWARD VOLTAGE ( VOLTS )
Figure 3. Diode Capacitance
TA = 25°C
TA = 25°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com