Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP432P411VIPZR Datasheet(PDF) 145 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 145 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 141Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 142Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 143Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 144Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 145Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 146Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 147Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 148Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 212 page
background image
145
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.9.7
Watchdog Timer (WDT_A)
The primary function of the WDT_A module is to perform a controlled system restart if a software problem
occurs. If the selected time interval expires, a system reset is generated. If the watchdog function is not
needed in an application, the module can be configured as an interval timer and can generate interrupts at
selected time intervals.
The watchdog can generate a reset on either a time-out or a password violation. This reset can be
configured to generate either a hard reset or a soft reset into the system. See the WDT_A chapter in the
MSP432P4xx SimpleLink™ Microcontrollers Technical Reference Manual for more details.
Table 6-52. WDT_A Clocks
WDTSSEL
NORMAL OPERATION
(WATCHDOG AND INTERVAL TIMER MODE)
00
SMCLK
01
ACLK
10
VLOCLK
11
BCLK
CAUTION
The WDT must be set to interval mode before transitioning into the LPM3 or
LPM3.5 modes of operation. This allows the WDT event to wake the device
and return it to active modes of operation. Using the WDT in watchdog mode
may result in nondeterministic behavior due to the generated reset.
6.9.8
Precision ADC
The Precision ADC module can achieve up to 16-bit precision with software oversampling, up to 1-Msps
sampling rate with differential and single-ended inputs. The module implements a native 14-bit SAR core,
sample-and-hold circuit, reference generator, and a conversion result buffer. The window comparators
with lower and upper limits allow CPU-independent result monitoring through different window comparator
interrupt flags.
Table 6-53 summarizes the available Precision ADC external trigger sources.
Table 6-53. Precision ADC Trigger Signal Connections
ADC14SHSx
CONNECTED TRIGGER
SOURCE
BINARY
DECIMAL
000
0
Software (ADC14SC)
001
1
TA0_C1
010
2
TA0_C2
011
3
TA1_C1
100
4
TA1_C2
101
5
TA2_C1
110
6
TA2_C2
111
7
TA3_C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com