Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP432P411VIPZR Datasheet(PDF) 146 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 146 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 142Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 143Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 144Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 145Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 146Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 147Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 148Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 149Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 212 page
background image
146
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
If an internal source is marked as N/A or Reserved, it indicates that only the external source is available for that channel.
(2)
See the Precision ADC chapter in the MSP432P4xx SimpleLink™ Microcontrollers Technical Reference Manual for details on the
registers that contain the control bits listed in the table.
Table 6-54 and Table 6-55 list the available multiplexing between internal and external analog inputs of
the Precision ADC.
Table 6-54. Precision ADC Channel Mapping on 100-Pin PZ Devices
PRECISION ADC CHANNEL
EXTERNAL CHANNEL
SOURCE
(CONTROL BIT = 0)
INTERNAL CHANNEL
SOURCE
(CONTROL BIT = 1) (1)
CONTROL BIT (2)
Channel 23
A23
Battery Monitor
ADC14BATMAP
Channel 22
A22
Temperature Sensor
ADC14TCMAP
Channel 21
A21
N/A (Reserved)
ADC14CH0MAP
Channel 20
A20
N/A (Reserved)
ADC14CH1MAP
Channel 19
A19
N/A (Reserved)
ADC14CH2MAP
Channel 18
A18
N/A (Reserved)
ADC14CH3MAP
(1)
If an internal source is marked as N/A or Reserved, only the external source is available for that channel.
(2)
See the Precision ADC chapter in the MSP432P4xx SimpleLink™ Microcontrollers Technical Reference Manual for details on the
registers that contain the control bits listed in the table.
Table 6-55. Precision ADC Channel Mapping on 64-Pin RGC Devices
PRECISION ADC CHANNEL
EXTERNAL CHANNEL
SOURCE
(CONTROL BIT = 0)
INTERNAL CHANNEL
SOURCE
(CONTROL BIT = 1) (1)
CONTROL BIT (2)
Channel 23
N/A
Battery Monitor
ADC14BATMAP
Channel 22
N/A
Temperature Sensor
ADC14TCMAP
Channel 11
A11
N/A (Reserved)
ADC14BATMAP
Channel 10
A10
N/A (Reserved)
ADC14TCMAP
Channel 9
A9
N/A (Reserved)
ADC14CH0MAP
Channel 8
A8
N/A (Reserved)
ADC14CH1MAP
Channel 7
A7
N/A (Reserved)
ADC14CH2MAP
Channel 6
A6
N/A (Reserved)
ADC14CH3MAP
6.9.9
Comparator_E (COMP_E)
The primary function of the COMP_E module is to support precision slope analog-to-digital conversions,
battery voltage supervision, and monitoring of external analog signals.
Two COMP_E modules are available on MSP432P4x1x devices.
6.9.10 Shared Reference (REF_A)
The REF_A generates all critical reference voltages that can be used by the various analog peripherals in
the device. The reference voltage from REF_A can also be output on a device pin for external use.
6.9.11 LCD Controller (LCD_F)
The LCD_F driver generates the segment and common signals that are required to drive a liquid crystal
display (LCD). The LCD_F controller has dedicated data memories to hold segment drive information.
Common and segment signals are generated as defined by the mode. Static, 2-mux, 3-mux, 4-mux, and
8-mux LCDs are supported. The module also provides an automatic blinking capability for individual
segments. The module provides for automatic animation capability over eight of the segment lines.
6.9.12 CRC32
The CRC32 module produces a signature based on a sequence of entered data values and can be used
for data checking purposes. It supports both a CRC32 and a CRC16 computation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com