Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP432P411VIPZR Datasheet(PDF) 147 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 147 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 143Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 144Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 145Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 146Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 147Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 148Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 149Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 150Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 212 page
background image
147
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
The CRC16 computation signature is based on the CRC16-CCITT standard.
•
The CRC32 computation signature is based on the CRC32-ISO 3309 standard.
6.9.13 AES256 Accelerator
The AES accelerator module performs encryption and decryption of 128-bit data with 128-, 192-, or 256-
bit keys according to the Advanced Encryption Standard (AES) (FIPS PUB 197) in hardware.
6.9.14 True Random Seed
The Device Descriptor Information (TLV) contains a 128-bit true random seed that can be used to
implement a deterministic random number generator.
6.10 Code Development and Debug
MSP432P4x1x devices support various methods through which the user can carry out code development
and debug on the device.
6.10.1 JTAG and Serial Wire Debug (SWD) Based Development, Debug and Trace
The device supports both 4-pin JTAG and the 2-pin SWD modes of operation. The device is compatible
with all standard Cortex-M4 debuggers available in the market today. The debug logic in the device has
been designed to remain minimally intrusive to the application state. In low-power modes, the user can
enable the debugger to override the state of the PSS, thereby gaining access to debug and trace features.
In 2-pin SWD mode, the TDO pin can be used to export serial wire trace output (SWO) data. In addition,
the TDI and TDO pins of the device can be reassigned as user I/Os. See Section 6.12.24 and
Section 6.12.25 for more details.
NOTE
If the device has activated debug security, debugger accesses into the device is completely
disabled. The debugger, however, is still be able to scan the run/halt state of the CPU.
Further control of and visibility into the device is possible only after initiating a mass erase of
the device flash contents.
6.10.2 Peripheral Halt Control
The Peripheral Halt Control register in the System Controller module gives the user independent control
over the functionality of device peripherals during code development and debug. When the CPU is halted,
the bits in this register can control whether the corresponding peripheral freezes its operation (such as
incrementing, transmit, and receive) or continues its operation (debug remains nonintrusive). The registers
of the peripheral remain accessible without regard to the values in the Peripheral Halt Control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com