Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDC960DL Datasheet(PDF) 8 Page - Texas Instruments

Part # CDC960DL
Description  200-MHz CLOCK SYNTHESIZER/DRIVER WITH SPREAD SPECTURM CAPABILITY AND DEVICE CONTROL INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC960DL Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDC960DL Datasheet HTML 2Page - Texas Instruments CDC960DL Datasheet HTML 3Page - Texas Instruments CDC960DL Datasheet HTML 4Page - Texas Instruments CDC960DL Datasheet HTML 5Page - Texas Instruments CDC960DL Datasheet HTML 6Page - Texas Instruments CDC960DL Datasheet HTML 7Page - Texas Instruments CDC960DL Datasheet HTML 8Page - Texas Instruments CDC960DL Datasheet HTML 9Page - Texas Instruments CDC960DL Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CDC960
200MHz CLOCK SYNTHESIZER/DRIVER
WITH SPREAD SPECTRUM CAPABILITY AND DEVICE CONTROL INTERFACE
SCAS675 – APRIL 2002
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
power-up sequences
Sampled inputs are: FS0, FS1, FS2 and 24/48_SEL.
State S1 is an analog controlled delay derived from internal reference voltages to ensure that a valid input state
is captured. There is no specific delay in this state after power up.
Figure 3 shows the symbolic sequence of the CDC960 during power up. States S0–S4 are required to ensure
proper configuration and operation of the device functions.
Outputs
Undefined
Power Off
Delay
S1
Normal
Operation
Sample
Input Straps
S2
Power Up
Wait
3 ms
Outputs Disabled
VDD ≤ 2 V
Enable
Outputs
S3
S4
VDD = Off
S0
Figure 3. Power-Up State Transitions
SMBus serial interface
The following section describes the SMBus interface programming.
In general the CDC960 SMBus protocol supports only block write and block read operations.
SMBus device address
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
1
0
0
1
0
0 = write to CDC960
1 = read from CDC960
writing to the SMBus interface
1.
Send the address D2(H) and validate the acknowledge from the slave.
2.
Send the dummy byte as a command code and validate the acknowledge from the slave.
3.
Send the number of data bytes to write and validate the acknowledge from the slave.
4.
Write the desired data bytes to registers and validate the acknowledge from the slave for each data byte.
Clock Generator
Addr (7 bits)
+8 bits dummy
+8 bits byte
A(6:0) & R/W
ACK
+8 bits dummy
command code
ACK
+8 bits byte
count
ACK
Data byte 0
ACK
Data byte N
ACK
D2(H)
command code
count



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com