Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDC960DL Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC960DL
Description  200-MHz CLOCK SYNTHESIZER/DRIVER WITH SPREAD SPECTURM CAPABILITY AND DEVICE CONTROL INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC960DL Datasheet(HTML) 3 Page - Texas Instruments

  CDC960DL Datasheet HTML 1Page - Texas Instruments CDC960DL Datasheet HTML 2Page - Texas Instruments CDC960DL Datasheet HTML 3Page - Texas Instruments CDC960DL Datasheet HTML 4Page - Texas Instruments CDC960DL Datasheet HTML 5Page - Texas Instruments CDC960DL Datasheet HTML 6Page - Texas Instruments CDC960DL Datasheet HTML 7Page - Texas Instruments CDC960DL Datasheet HTML 8Page - Texas Instruments CDC960DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CDC960
200MHz CLOCK SYNTHESIZER/DRIVER
WITH SPREAD SPECTRUM CAPABILITY AND DEVICE CONTROL INTERFACE
SCAS675 – APRIL 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLES (Continued)
SPREAD SPECTRUM
INPUT
Spread
0
Spread spectrum disabled
Spread
1
Spread spectrum enabled, –0.5% at CPU/CPU, PCI/LDT, PCI_F, PCI
DEVICE ENABLE FUNCTIONS
SMBus
CONTROLLED
INPUTS
OUTPUTS
INTERNAL
L
L
X
X
X
X
L
L
L
X
Xtal
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Off
Off
L
XX
H
H
H
H
X
X
X
Xtal
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
L
XX
H
H
L
H
X
X
X
Xtal
↑↓
↑↓
↑↓
LL
↑↓
↑↓
↑↓
↑↓
↑↓
L
XX
H
L
H
H
X
X
X
Xtal
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
L
XX
H
L
L
H
X
X
X
Xtal
↑↓
↑↓
↑↓
LL
↑↓
↑↓
↑↓
↑↓
↑↓
L
XX
L
H
H
H
X
X
X
Xtal
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
L
XX
L
H
L
H
X
X
X
Xtal
↑↓
↑↓
↑↓
L
↑↓
↑↓
↑↓
↑↓
↑↓
↑↓
L
XX
L
L
H
H
X
X
X
Xtal
↑↓
↑↓
↑↓
↑↓
L
↑↓
↑↓
↑↓
↑↓
↑↓
L
XX
L
L
L
H
X
X
X
Xtal
↑↓
↑↓
↑↓
LL
↑↓
↑↓
↑↓
↑↓
↑↓
L
L
X
X
X
H
L
L
H
X
H
H
L
HL
HL
HL
L
L
L
Off
Off
L
LX
HX
H
L
L
H
X
L
L
H
HLHLHL
L
L
L
Off
Off
L
LX
HH
L
L
L
H
X
L
L
H
HL
LLLLL
Off
Off
L
LX
LL
H
L
L
H
X
H
H
L
HL
HL
LLLL
Off
Off
L
LX
LH
L
L
L
H
X
L
L
H
HL
L
HL
LLL
Off
Off
L
LX
HH
L
L
H
X
X
H
H
LHL
L
LHL
HL
HL
Off
Off
L
LX
HH
L
L
H
X
X
L
L
H
HL
L
L
HLHLHL
Off
Off
L
LX
HL
H
L
H
X
X
H
H
L
HLHLHLHLHLHL
Off
Off
L
LX
HL
H
L
H
X
X
L
L
H
HLHLHLHLHLHL
Off
Off
L
LX
L
H
L
L
H
X
X
L/H
L/H
H/L
HL
L
HLHLHLHL
Off
Off
L
LX
L
L
H
L
H
X
X
L/H
L/H
H/L
HL
HL
L
HL
HL
HL
Off
Off
L
L
X
L
L
L
L
H
X
X
L/H
L/H
H/L
HL
L
L
HL
HL
HL
Off
Off
† SMBus bits set to their reset values
‡ Hi-Z will have LOW state if external load circuit is applied, CPU and CPU are push-pull type outputs.
↑↓ Outputs toggle at the selected frequency according to the Device Frequency Select FunctionS table above.
HL device output state is undefined, either L or H. It is L if Xin is held static at L or H before the bypass mode is selected.
OUTPUT BUFFER SPECIFICATIONS
BUFFER NAME
VDD RANGE
(V)
IMPEDANCE
(
Ω)
LUMPED TEST LOAD
CPU
3.135 – 3.465
40
10 pF
PCI, PCI_F, LDT
3.135 – 3.465
25
30 pF
REF, USB, FDC
3.135 – 3.465
35
20 pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com