Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDC960DL Datasheet(PDF) 2 Page - Texas Instruments

Part # CDC960DL
Description  200-MHz CLOCK SYNTHESIZER/DRIVER WITH SPREAD SPECTURM CAPABILITY AND DEVICE CONTROL INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC960DL Datasheet(HTML) 2 Page - Texas Instruments

  CDC960DL Datasheet HTML 1Page - Texas Instruments CDC960DL Datasheet HTML 2Page - Texas Instruments CDC960DL Datasheet HTML 3Page - Texas Instruments CDC960DL Datasheet HTML 4Page - Texas Instruments CDC960DL Datasheet HTML 5Page - Texas Instruments CDC960DL Datasheet HTML 6Page - Texas Instruments CDC960DL Datasheet HTML 7Page - Texas Instruments CDC960DL Datasheet HTML 8Page - Texas Instruments CDC960DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CDC960
200MHz CLOCK SYNTHESIZER/DRIVER
WITH SPREAD SPECTRUM CAPABILITY AND DEVICE CONTROL INTERFACE
SCAS675 – APRIL 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The CPU bus is a 3.3-V differential push-pull output type. All others are single-ended CMOS buffers.
The host frequencies are fixed and are controlled by the FS0, FS1 and FS2 signals at power-up. The CPU bus
frequencies are 200, 166, 133 and 100 MHz.
Because the CDC960 is based on PLL circuitry, it requires a stabilization time to achieve phase-lock of the PLL.
With use of external reference clock, this signal must be fixed-frequency and fixed-phase prior stabilization time
starts.
FUNCTION TABLES
DEVICE FREQUENCY SELECT FUNCTIONS
SMBUS
CONTROLLED
INPUTS
OUTPUTS
L
L
H
H
H
H
H
200 MHz
33 MHz
33 MHz
48 MHz
24 MHz
14.31818 MHz
L
LH
L
H
H
H
200 MHz
33 MHz
66 MHz
48 MHz
24 MHz
14.31818 MHz
L
LL
H
H
H
H
200 MHz
33 MHz
33 MHz
48 MHz
48 MHz
14.31818 MHz
L
LL
L
H
H
H
200 MHz
33 MHz
66 MHz
48 MHz
48 MHz
14.31818 MHz
L
L
H/L
H/L
H
H
L
166 MHz
33 MHz
33/66 MHz
48 MHz
24/48 MHz
14.31818 MHz
L
L
H/L
H/L
H
L
H
133 MHz
33 MHz
33/66 MHz
48 MHz
24/48 MHz
14.31818 MHz
L
L
H/L
H/L
H
L
L
100 MHz
33 MHz
33/66 MHz
48 MHz
24/48 MHz
14.31818 MHz
L
L
X
H
L
L
H
Xin
Xin/6
Xin/6
L
L
L
f(xin) = 0 to
L
LX
L
L
L
H
Xin
Xin/6
Xin/3
L
L
L
f(xin) = 0 to
200 MHz
L
L
H
H
L
H
H
Xin
Xin/6
Xin/6
Xin/2
Xin/4
Xin
L
LH
L
L
H
H
Xin
Xin/6
Xin/3
Xin/2
Xin/4
Xin
f(xin) = 0 to
L
LL
H
L
H
H
Xin
Xin/6
Xin/6
Xin/2
Xin/2
Xin
f(xin) = 0 to
16 MHz
L
LL
L
L
H
H
Xin
Xin/6
Xin/3
Xin/2
Xin/2
Xin
L
L
X
X
L
H
L
Reserved for future use
L
L
X
X
L
L
L
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
L
H
H/L
H/L
H
H
H
90 MHz
30 MHz
30/60 MHz
48 MHz
24/48 MHz
14.31818 MHz
–10%
L
H
H/L
H/L
H
H
L
119 MHz
30 MHz
30/60 MHz
48 MHz
24/48 MHz
14.31818 MHz
–10%
L
H
H/L
H/L
H
L
H
180 MHz
36.3 MHz
36.3/72.6 MHz
48 MHz
24/48 MHz
14.31818 MHz
–10%
L
H
H/L
H/L
H
L
L
180 MHz
30 MHz
30/60 MHz
48 MHz
24/48 MHz
14.31818 MHz
–10%
L
H
H/L
H/L
L
H
H
111 MHz
36.9 MHz
36.9/73.9 MHz
48 MHz
24/48 MHz
14.31818 MHz
10%
L
H
H/L
H/L
L
H
L
148 MHz
36.9 MHz
36.9/73.9 MHz
48 MHz
24/48 MHz
14.31818 MHz
10%
L
H
H/L
H/L
L
L
H
222 MHz
44.4 MHz
44.4/88.8 MHz
48 MHz
24/48 MHz
14.31818 MHz
10%
L
H
H/L
H/L
L
L
L
222 MHz
36.9 MHz
36.9/73.9 MHz
48 MHz
24/48 MHz
14.31818 MHz
10%
H
X
H/L
H/L
X
X
X
Not-yet-defined settings
† If the REF, USB, and FDC outputs are disabled in by pass mode, the Xin-input can be driven with an external clock signal from 0 MHz to 200 MHz.
Otherwise the maximum input frequency is limited to 16 MHz.
‡ 24/48_SEL and PCI/LDT_SEL inputs operate independently from each other and the frequency of the corresponding bus, as shown in detail
for the 200-MHz configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com