Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9671EBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 31Page - Analog Devices AD9671EBZ Datasheet HTML 32Page - Analog Devices AD9671EBZ Datasheet HTML 33Page - Analog Devices AD9671EBZ Datasheet HTML 34Page - Analog Devices AD9671EBZ Datasheet HTML 35Page - Analog Devices AD9671EBZ Datasheet HTML 36Page - Analog Devices AD9671EBZ Datasheet HTML 37Page - Analog Devices AD9671EBZ Datasheet HTML 38Page - Analog Devices AD9671EBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
AD9671
Data Sheet
Rev. A| Page 34 of 60
Table 19. AD9671 JESD204B Frame Alignment Monitoring and Correction Replacement Characters
Scrambling
Lane Synchronization
Character to be Replaced
Last Octet in
Multiframe
Replacement Character
Off
On
Last octet in frame repeated from previous frame
No
K28.7
Off
On
Last octet in frame repeated from previous frame
Yes
K28.3
Off
Off
Last octet in frame repeated from previous frame
Not applicable
K28.7
On
On
Last octet in frame equals D28.7
No
K28.7
On
On
Last octet in frame equals D28.3
Yes
K28.3
On
Off
Last octet in frame equals D28.7
Not applicable
K28.7
Frame and Lane Alignment Monitoring and Correction
Frame alignment monitoring and correction is part of the
JESD204B specification. The 14-bit word requires two octets to
transmit all the data. The two octets (MSB and LSB), where
F = 2, make up a frame. During normal operating conditions
frame alignment is monitored via alignment characters that are
inserted under certain conditions at the end of a frame. Table 19
summarizes the conditions for character insertion along with
the expected characters under the various operation modes. If
lane synchronization is enabled, the replacement character value
depends on whether the octet is at the end of a frame or at the
end of a multiframe.
Based on the operating mode, the receiver can ensure that it is
still synchronized to the frame boundary by correctly receiving
the replacement characters.
Super Frame and Output Zero Stuffing
To handle the various decimation rates and to handle complex
(IQ) vs. real samples, a wrapper around the JESD204B transmitter
was created. Each word in the standard JESD204B frame represents
a word in the super frame. However, in most cases, the frame
boundary for the super-frame does not occur at the same time
as the JESD204B frame boundary.
As the decimation rates increase, relatively large amounts of
zero stuffing can occur. The zero stuffer can be configured to
add additional codes into the data stream to facilitate super
frame synchronization.
It is highly recommended to configure the device to auto-
calculate the size of the JESD204B and the super frames.
Digital Outputs and Timing
The AD9671 has differential digital outputs that power up
by default. The driver current is derived on chip and sets the
output current at each output equal to a nominal 3 mA. Each
output presents a 100 Ω dynamic internal termination to reduce
unwanted reflections.
The AD9671 digital outputs can interface with custom ASICs and
FPGA receivers, providing superior switching performance in
noisy environments. Single point-to-point network topologies are
recommended with a single differential 100 Ω termination resistor
placed as close to the receiver logic as possible.
For receiver inputs that provide their own common-mode bias,
or whose input common-mode requirements are not within the
bounds of the AD9671 DRVDD supply, use an ac-coupled
connection as shown in Figure 47. Place a 0.1 μF series
capacitor on each output pin and use a 100 Ω differential
termination close to the receiver side. The 100 Ω differential
termination results in a nominal 600 mV p-p differential swing
at the receiver. In the case where the receiver inputs do not
provide their own common-mode bias, single-ended 50 Ω
terminations can be used. When single-ended terminations are
used, the termination voltage (VRXCM) must be chosen to match
the input requirements of the receiver.
For receivers whose input common-mode voltage requirements
match the output common-mode voltage (DRVDD/2) of the
AD9671, a dc-coupled connection can be used. The common
mode of the digital output automatically biases itself to half of
DRVDD (0.9 V for DRVDD = 1.8 V) (see Figure 48).
If there is no far end receiver termination or if there is poor
differential trace routing, timing errors may result. To avoid
such timing errors, it is recommended that the trace length be
less than six inches and that the differential output traces be
adjacent and at equal lengths.
Figure 49 through Figure 54 show examples of the digital output
(default) data eyes, time interval error (TIE) jitter histograms, and
bathtub curves.
100Ω
50Ω
50Ω
100Ω
DIFFERENTIAL
SINGLE-ENDED
TERMINATION
TRACE PAIR
SERDOUTx+
DRVDD
VRXCM
SERDOUTx–
VCM = Rx VCM
OUTPUT SWING = 600mV p-p
RECEIVER
0.1µF
0.1µF
Figure 47. AC-Coupled Digital Output Termination Example
100Ω
100Ω
DIFFERENTIAL
TRACE PAIR
DRVDD
VCM =DRVDD/2
OUTPUT SWING = 600mV p-p
RECEIVER
SERDOUTx+
SERDOUTx–
Figure 48. DC-Coupled Digital Output Termination Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com