Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9671EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 23Page - Analog Devices AD9671EBZ Datasheet HTML 24Page - Analog Devices AD9671EBZ Datasheet HTML 25Page - Analog Devices AD9671EBZ Datasheet HTML 26Page - Analog Devices AD9671EBZ Datasheet HTML 27Page - Analog Devices AD9671EBZ Datasheet HTML 28Page - Analog Devices AD9671EBZ Datasheet HTML 29Page - Analog Devices AD9671EBZ Datasheet HTML 30Page - Analog Devices AD9671EBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
AD9671
Data Sheet
Rev. A| Page 26 of 60
Address
0x00F,
Bits[7:3]
LPF Cutoff
Frequency (MHz)
Sampling Frequency (MHz)
20.5
40
65
80
125
1 0000
1.45 × (1/6) × fSAMPLE
Out of tunable filter
range
9.67
15.71
Out of tunable filter
range
Out of tunable filter
range
1 0001
1.25 × (1/6) × fSAMPLE
Out of tunable filter
range
8.33
13.54
16.67
Out of tunable filter
range
1 0010
1.13 × (1/6) × fSAMPLE
Out of tunable filter
range
Out of tunable filter
range
12.19
15.00
Out of tunable filter
range
1 0011
1.0 × (1/6) × fSAMPLE
Out of tunable filter
range
Out of tunable filter
range
10.83
13.33
Out of tunable filter
range
1 0100
0.9 × (1/6) × fSAMPLE
Out of tunable filter
range
Out of tunable filter
range
9.75
12.00
Out of tunable filter
range
1 0101
0.8 × (1/6) × fSAMPLE
Out of tunable filter
range
Out of tunable filter
range
8.67
10.67
16.67
1 0110
0.75 × (1/6) × fSAMPLE
Out of tunable filter
range
Out of tunable filter
range
8.13
10.00
15.63
Table 12. SPI-Selectable Low-Pass Filter Cutoff Options for High Bandwidth Mode at Example Sampling Frequencies
Address
0x00F,
Bits[7:3]
LPF Cutoff
Frequency (MHz)
Sampling Frequency (MHz)
20.5
40
65
80
125
0 0000
1.45 × (1/3) × fSAMPLE
Out of tunable
filter range
19.33
Out of tunable filter
range
Out of tunable filter
range
Out of tunable filter
range
0 0001
1.25 × (1/3) × fSAMPLE
Out of tunable
filter range
16.67
27.08
Out of tunable filter
range
Out of tunable filter
range
0 0010
1.13 × (1/3) × fSAMPLE
Out of tunable
filter range
15.00
24.38
30.00
Out of tunable filter
range
0 0011
1.0 × (1/3) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
21.67
26.67
Out of tunable filter
range
0 0100
0.9 × (1/3) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
19.50
24.00
Out of tunable filter
range
0 0101
0.8 × (1/3) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
17.33
21.33
Out of tunable filter
range
0 0110
0.75 × (1/3) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
16.25
20.00
Out of tunable filter
range
0 1000
1.45 × (1/4.5) × fSAMPLE Out of tunable
filter range
Out of tunable
filter range
20.94
25.78
Out of tunable filter
range
0 1001
1.25 × (1/4.5) × fSAMPLE Out of tunable
filter range
Out of tunable
filter range
18.06
22.22
Out of tunable filter
range
0 1010
1.13 × (1/4.5) × fSAMPLE Out of tunable
filter range
Out of tunable
filter range
16.25
20.00
Out of tunable filter
range
0 1011
1.0 × (1/4.5) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
14.44
17.78
27.78
0 1100
0.9 × (1/4.5) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
Out of tunable filter
range
16.00
25.00
0 1101
0.8 × (1/4.5) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
Out of tunable filter
range
14.22
22.22
0 1110
0.75 × (1/4.5) × fSAMPLE Out of tunable
filter range
Out of tunable
filter range
Out of tunable filter
range
Out of tunable filter
range
20.83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com