Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9671EBZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 32Page - Analog Devices AD9671EBZ Datasheet HTML 33Page - Analog Devices AD9671EBZ Datasheet HTML 34Page - Analog Devices AD9671EBZ Datasheet HTML 35Page - Analog Devices AD9671EBZ Datasheet HTML 36Page - Analog Devices AD9671EBZ Datasheet HTML 37Page - Analog Devices AD9671EBZ Datasheet HTML 38Page - Analog Devices AD9671EBZ Datasheet HTML 39Page - Analog Devices AD9671EBZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
Data Sheet
AD9671
Rev. A| Page 35 of 60
–400
–200
0
200
400
TIME (ps)
400
300
200
100
0
–100
–300
–400
–200
1
–
MASK: TEMP_MSK
EYE: ALL BITS
OFFSET: 0.0018
ULS: 8000; 993330, TOTAL: 8000; 993330
MASK HITS1: EYE DIAGRAM
Figure 49. Digital Outputs Data Eye, External 100 Ω Terminations
at 2.5 Gbps
PERIOD1: HISTOGRAM
3500
2000
2500
3000
1500
1000
500
0
4
–
–22.5
–15.0
22.5
TIME (ps)
–7.5
0
7.5
15.0
Figure 50. Digital Outputs Histogram, External 100 Ω Terminations at 2.5 Gbps
0
–0.5
0.5
UIs
TJ AT BER1: BATHTUB
1
1–2
1–4
1–6
1–8
1–10
1–12
1–16
1–14
3
–
0.81
Figure 51. Digital Outputs Bathtub, External 100 Ω Terminations
at 2.5 Gbps
–200
–100
0
100
200
TIME (ps)
400
300
200
100
0
–100
–300
–400
–200
MASK HITS1: EYE DIAGRAM
1
–
EYE: ALL BITS
OFFSET: –0.0018
ULS: 6000; 493327, TOTAL: 6000; 493327
MASK: TEMP_MSK
Figure 52. Digital Outputs Data Eye, External 100 Ω Terminations
at 5.0 Gbps
–10
15
TIME (ps)
PERIOD1: HISTOGRAM
6000
4000
5000
3000
2000
1000
0
–15
–5
0
5
10
4
–
Figure 53. Digital Outputs Histogram, External 100 Ω Terminations at 5.0 Gbps
0
–0.5
0.5
UIs
TJ AT BER1: BATHTUB
1
1–2
1–4
1–6
1–8
1–10
1–12
1–16
1–14
3
–
0.75
Figure 54. Digital Outputs Bathtub, External 100 Ω Terminations
at 5.0 Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com