Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-I/MLQTP Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC18F4539-I/MLQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-I/MLQTP Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC18F4539-I/MLQTP Datasheet HTML 31Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 32Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 33Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 34Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 35Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 36Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 37Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 38Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 33
PIC18FXX39
4.0
MEMORY ORGANIZATION
There are three memory blocks in Enhanced MCU
devices. These memory blocks are:
• Program Memory
• Data RAM
• Data EEPROM
Data and program memory use separate busses,
which allows for concurrent access of these blocks.
Additional detailed information for FLASH program
memory and Data EEPROM is provided in Section 5.0
and Section 6.0, respectively.
4.1
Program Memory Organization
A 21-bit program counter is capable of addressing the
2-Mbyte program memory space. Accessing a location
between the physically implemented memory and the
top of the 2-MByte range will cause a read of all ‘0’s (a
NOP
instruction).
The PIC18F2539 and PIC18F4539 each have a total of
24 Kbytes, or 12K of single word instructions of FLASH
memory, from addresses 0000h to 5FFFh. The next
8 Kbytes beyond this space (from 6000h to 7FFFh) are
reserved for the Motor Control kernel; accessing
locations in this range will return random information.
The PIC18F2439 and PIC18F4439 each have
12 Kbytes, or 6K of single word instructions of FLASH
memory, from addresses 0000h to 2FFFh. The next
4 Kbytes of this space (from 3000h to 3FFFh) are
reserved for the Motor Control kernel; accessing
locations in this range will return random information.
The RESET vector address for all devices is at 0000h,
and the interrupt vector addresses are at 0008h and
0018h.
The memory maps for the PIC18FX439 and
PIC18FX539 devices are shown in Figure 4-1.
FIGURE 4-1:
PROGRAM MEMORY MAP AND STACK FOR PIC18FXX39 DEVICES
Note:
The ProMPT Motor Control kernel is iden-
tical for all PIC18FXX39 devices, regard-
less of the difference in reserved block size
between PIC18FX439 and PIC18FX539
devices
PC<20:0>
Stack Level 1
•
Stack Level 31
RESET Vector
Low Priority Interrupt Vector
•
•
CALL,RCALL,RETURN
RETFIE,RETLW
21
0000h
0018h
On-Chip
Program Memory
High Priority Interrupt Vector 0008h
1FFFFFh
4000h
3FFFh
Read '0'
200000h
3000h
2FFFh
Reserved
RESET Vector
Low Priority Interrupt Vector
0000h
0018h
8000h
7FFFh
On-Chip
Program Memory
High Priority Interrupt Vector 0008h
Read '0'
1FFFFFh
200000h
Note:
Size of memory areas not to scale.
PIC18FX439 Devices
PIC18FX539 Devices
Reserved
6000h
5FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com