| Electronic Components Datasheet Search |
|
PIC18F4539-I/MLQTP Datasheet(PDF) 95 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4539-I/MLQTP Datasheet(HTML) 95 Page - Microchip Technology |
|
95 / 322 page ![]() 2002 Microchip Technology Inc. Preliminary DS30485A-page 93 PIC18FXX39 9.5 PORTE, TRISE and LATE Registers This section is only applicable to the PIC18F4X39 devices. PORTE is a 3-bit wide, bi-directional port. The corre- sponding Data Direction register is TRISE. Setting a TRISE bit (= 1) will make the corresponding PORTE pin an input (i.e., put the corresponding output driver in a High Impedance mode). Clearing a TRISE bit (= 0) will make the corresponding PORTE pin an output (i.e., put the contents of the output latch on the selected pin). The Data Latch register (LATE) is also memory mapped. Read-modify-write operations on the LATE register reads and writes the latched output value for PORTE. PORTE has three pins (RE0/AN5/RD, RE1/AN6/WR and RE2/AN7/CS) which are individually configurable as inputs or outputs. These pins have Schmitt Trigger input buffers. Register 9-1 shows the TRISE register, which also controls the parallel slave port operation. PORTE pins are multiplexed with analog inputs. When selected as an analog input, these pins will read as '0's. TRISE controls the direction of the RE pins, even when they are being used as analog inputs. The user must make sure to keep the pins configured as inputs when using them as analog inputs. EXAMPLE 9-5: INITIALIZING PORTE FIGURE 9-9: PORTE BLOCK DIAGRAM IN I/O PORT MODE Note: On a Power-on Reset, these pins are configured as analog inputs. CLRF PORTE ; Initialize PORTE by ; clearing output ; data latches CLRF LATE ; Alternate method ; to clear output ; data latches MOVLW 0x07 ; Configure A/D MOVWF ADCON1 ; for digital inputs MOVLW 0x05 ; Value used to ; initialize data ; direction MOVWF TRISE ; Set RE<0> as inputs ; RE<1> as outputs ; RE<2> as inputs Data Bus WR LATE WR TRISE RD PORTE Data Latch TRIS Latch RD TRISE Schmitt Trigger Input Buffer Q D CK Q D CK EN QD EN I/O pin(1) RD LATE or PORTE To Analog Converter Note 1: I/O pins have diode protection to VDD and VSS. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |