Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-I/MLQTP Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC18F4539-I/MLQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-I/MLQTP Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC18F4539-I/MLQTP Datasheet HTML 41Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 42Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 43Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 44Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 45Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 46Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 47Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 48Page - Microchip Technology PIC18F4539-I/MLQTP Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 43
PIC18FXX39
TABLE 4-2:
REGISTER FILE SUMMARY
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
TOSU
—
—
—
Top-of-Stack Upper Byte (TOS<20:16>)
---0 0000
26, 34
TOSH
Top-of-Stack High Byte (TOS<15:8>)
0000 0000
26, 34
TOSL
Top-of-Stack Low Byte (TOS<7:0>)
0000 0000
26, 34
STKPTR
STKFUL
STKUNF
—
Return Stack Pointer
00-0 0000
26, 35
PCLATU
—
—
—
Holding Register for PC<20:16>
---0 0000
26, 36
PCLATH
Holding Register for PC<15:8>
0000 0000
26, 36
PCL
PC Low Byte (PC<7:0>)
0000 0000
26, 36
TBLPTRU
—
—bit21(2)
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>) --00 0000
26, 54
TBLPTRH
Program Memory Table Pointer High Byte (TBLPTR<15:8>)
0000 0000
26, 54
TBLPTRL
Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
0000 0000
26, 54
TABLAT
Program Memory Table Latch
0000 0000
26, 54
PRODH
Product Register High Byte
xxxx xxxx
26, 67
PRODL
Product Register Low Byte
xxxx xxxx
26, 67
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
26, 71
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
—TMR0IP
—RBIP
1111 -1-1
26, 72
INTCON3
INT2IP
INT1IP
—
INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
26, 73
INDF0
Uses contents of FSR0 to address data memory - value of FSR0 not changed (not a physical register)
n/a
26, 47
POSTINC0
Uses contents of FSR0 to address data memory - value of FSR0 post-incremented (not a physical register)
n/a
26, 47
POSTDEC0
Uses contents of FSR0 to address data memory - value of FSR0 post-decremented (not a physical register)
n/a
26, 47
PREINC0
Uses contents of FSR0 to address data memory - value of FSR0 pre-incremented (not a physical register)
n/a
26, 47
PLUSW0
Uses contents of FSR0 to address data memory - value of FSR0 (not a physical register).
Offset by value in WREG.
n/a
26, 47
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0 High Byte ---- 0000
26, 47
FSR0L
Indirect Data Memory Address Pointer 0 Low Byte
xxxx xxxx
26, 47
WREG
Working Register
xxxx xxxx
26
INDF1
Uses contents of FSR1 to address data memory - value of FSR1 not changed (not a physical register)
n/a
26, 47
POSTINC1
Uses contents of FSR1 to address data memory - value of FSR1 post-incremented (not a physical register)
n/a
26, 47
POSTDEC1
Uses contents of FSR1 to address data memory - value of FSR1 post-decremented (not a physical register)
n/a
26, 47
PREINC1
Uses contents of FSR1 to address data memory - value of FSR1 pre-incremented (not a physical register)
n/a
26, 47
PLUSW1
Uses contents of FSR1 to address data memory - value of FSR1 (not a physical register).
Offset by value in WREG.
n/a
26, 47
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1 High Byte ---- 0000
27, 47
FSR1L
Indirect Data Memory Address Pointer 1 Low Byte
xxxx xxxx
27, 47
BSR
—
—
—
—
Bank Select Register
---- 0000
27, 46
INDF2
Uses contents of FSR2 to address data memory - value of FSR2 not changed (not a physical register)
n/a
27, 47
POSTINC2
Uses contents of FSR2 to address data memory - value of FSR2 post-incremented (not a physical register)
n/a
27, 47
POSTDEC2
Uses contents of FSR2 to address data memory - value of FSR2 post-decremented (not a physical register)
n/a
27, 47
PREINC2
Uses contents of FSR2 to address data memory - value of FSR2 pre-incremented (not a physical register)
n/a
27, 47
PLUSW2
Uses contents of FSR2 to address data memory - value of FSR2 (not a physical register).
Offset by value in WREG.
n/a
27, 47
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2 High Byte ---- 0000
27, 47
FSR2L
Indirect Data Memory Address Pointer 2 Low Byte
xxxx xxxx
27, 47
STATUS
—
—
—N
OV
Z
DC
C
---x xxxx
27, 49
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
*
These registers (or individual bits) are retained to maintain compatibility with PIC18FXX2 devices; however, the indicated bits are
reserved in PIC18FXX39 devices. Users should not alter the values of these bits. See Section 4.9.2 for details.
Note 1: RA6 and associated bits are configured as port pins in RCIO and ECIO Oscillator mode only and read '0' in all other Oscillator modes.
2: Bit 21 of the TBLPTRU allows access to the device configuration bits.
3: These registers and bits are reserved on the PIC18F2X39 devices; always maintain these clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com