Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT3906M Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMBT3906M
Description  PNP Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBT3906M Datasheet(HTML) 2 Page - Micro Commercial Components

  MMBT3906M Datasheet HTML 1Page - Micro Commercial Components MMBT3906M Datasheet HTML 2Page - Micro Commercial Components MMBT3906M Datasheet HTML 3Page - Micro Commercial Components MMBT3906M Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision: A
2017/07/27
www.mccsemi.com
2 of
4
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Micro Commercial Components
M C C
R
Parameter
Symbol
Test condition
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
C=
I -10µA, IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
C
I =-1mA, IB=0
-40
V
Emitter-base breakdown voltage
V(BR)EBO
E=
I -10µA, IC=0
-5
V
Collector cut-off current
ICEX
CE
V =-30V, VEB(off)=-3V
-50
nA
Emitter cut-off current
IEBO
EB
V =-5V, IC=0
-100
nA
hFE(1)
CE
V =-1V, IC=-0.1mA
60
hFE(2)
CE
V =-1V, IC=-1mA
80
hFE(3)
CE
V =-1V, IC=-10mA
100
300
hFE(4)
CE
V =-1V, IC=-50mA
60
DC current gain
hFE(5)
CE
V =-1V, IC=-100mA
30
Collector-emitter saturation voltage
VCE(sat)1
C=
I -10mA, IB=-1mA
-0.25
V
VCE(sat)2
C=
I -50mA, IB=-5mA
--0.4
V
VBE(sat)1
C=
I -10mA, IB=-1mA
--0.6
-0.85
V
Base-emitter saturation voltage
VBE(sat)2
C=
I -50mA, IB=-5mA
-0.95
V
Transition frequency
fT
CE=
V
-20V,IC=-10mA,f=100MHz
250
MHz
Collector output capacitance
Cob
CB
V =-5V, IE=0, f=1MHz
4.5
pF
Base Input capacitance
Cib
EB=
V
-0.5V, IE=0, f=1MHz
10
pF
Noise figure
NF
VCE=-5V, IE=-0.1mA, f=1kHz,
RG=1kΩ
4
dB
Delay time
td
35
ns
Rise time
tr
VCC=-3V,VBE(OFF)=0.5V,
IC=-10mA,IB1=-1mA
35
ns
Storage time
ts
225
ns
Fall time
tf
VCC=-3V, IC=-10mA,
IB1= IB2=- 1mA
75
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com