Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT3906M Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBT3906M
Description  PNP Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBT3906M Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBT3906M Datasheet HTML 1Page - Micro Commercial Components MMBT3906M Datasheet HTML 2Page - Micro Commercial Components MMBT3906M Datasheet HTML 3Page - Micro Commercial Components MMBT3906M Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBT390
6M
PNP
Plastic-Encapsulate
Transistors
SOT-
883
Features
Marking :
3N
www.mccsemi.com
1 of
4
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Revision: A
2017/07/27
Single General-Purpose Switching Transistor
Halogen free available upon request by adding suffix "-HF"
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Micro Commercial Components
M C C
R
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
A
0.450
0.550
0.018
0.022
B
0.010
0.100
0.000
0.004
C
0.950
1.050
0.037
0.041
D
0.550
0.650
0.022
0.026
E
F
G
0.270
0.370
0.011
0.015
H
0.100
0.200
0.004
0.008
J
K
0.300
0.400
0.012
0.016
L
0.200
0.300
0.008
0.012
M
N
0.270
0.370
0.011
0.015
0.018REF.
0.450REF.
0.450REF.
0.018REF.
0.050REF.
0.002REF.
0.635REF.
0.025REF.
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
B
C
D
E
F G
H
J
K
L
M
N
M
1. BASE
2. EMITTER
3. COLLECTOR
Symbol
Parameter
Value
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-40
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-200
mA
PC
Collector Power Dissipation
100
mW
RΘJA
Thermal Resistance from Junction
to Ambient
1250
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
Unit


Similar Part No. - MMBT3906M

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MMBT3906M JIANGSU-MMBT3906M Datasheet
207Kb / 3P
TRANSISTOR
logo
Comchip Technology
MMBT3906M-HF COMCHIP-MMBT3906M-HF Datasheet
494Kb / 5P
General Purpose Transistor
REV:B
More results

Similar Description - MMBT3906M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com