Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT3906M Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MMBT3906M
Description  PNP Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBT3906M Datasheet(HTML) 3 Page - Micro Commercial Components

  MMBT3906M Datasheet HTML 1Page - Micro Commercial Components MMBT3906M Datasheet HTML 2Page - Micro Commercial Components MMBT3906M Datasheet HTML 3Page - Micro Commercial Components MMBT3906M Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision: A
2017/07/27
www.mccsemi.com
3 of
4
Micro Commercial Components
M C C
R
Typical Characteristics
0
25
50
75
100
125
150
0
25
50
75
100
125
-300
-600
-900
-1200
-0.1
-1
-10
-100
-0.1
-1
-10
-100
10
100
1000
-0.1
-1
-10
-100
-300
-600
-900
-1200
-1
-10
10
100
1000
-0.1
-1
-10
-100
-10
-100
-1000
-0.1
-1
-10
0.1
1
10
100
-0.00
-0.25
-0.50
-0.75
-1.00
-1.25
-1.50
-1.75
-0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
-22
COLLECTOR CURREMT I
C
(mA)
f
T
——
I
C
Static Characteristic
P
C
——
T
a
AMBIENT TEMPERATURE T
a
(℃)
COLLECTOR CURRENT I
C
(mA)
I
C
——
V
BE
h
FE
——
I
C
-200
COMMON EMITTER
V
CE= -1V
BASE-EMMITER VOLTAGE V
BE (mV)
-200
COMMON EMITTER
V
CE= -1V
T
a=100
℃
T
a=25
℃
-200
β=10
COLLECTOR CURRENT I
C
(mA)
V
BEsat
——
I
C
T
a=100
℃
T
a=25
℃
-40
-0.72
COMMON EMITTER
V
CE=-20V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
-200
β=10
V
CEsat
——
I
C
T
a=100
℃
T
a=25
℃
-30
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/V
EB
C
ob
/C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
-76uA
COMMON EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-95uA
-85.5uA
-66.5uA
-28.5uA
-47.5uA
-57uA
-38uA
-19uA
I
B=-9.5uA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com