Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY28317PVC-2 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # CY28317PVC-2
Description  FTG for Mobile VIA??PL133T and PLE133T Chipsets
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28317PVC-2 Datasheet(HTML) 4 Page - Silicon Laboratories

  CY28317PVC-2 Datasheet HTML 1Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 2Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 3Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 4Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 5Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 6Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 7Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 8Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CY28317-2
....................... Document #: 38-07094 Rev. *B Page 4 of 20
Serial Data Interface
The CY28317-2 features a two-pin, serial data interface that
can be used to configure internal register settings that control
particular device functions.
Data Protocol
The clock driver serial protocol supports byte/word Write,
byte/word Read, block Write and block Read operations from
the controller. For block Write/Read operations, the bytes must
be accessed in sequential order from lowest to highest byte
with the ability to stop after any complete byte has been trans-
ferred. For byte/word Write and byte Read operations, the
system controller can access individual indexed bytes. The
offset of the indexed byte is encoded in the command code.
The definition for the command code is defined as shown in
Table 2.
Table 2. Command Code Definition
Bit
Descriptions
7
0 = Block read or block write operation
1 = Byte/Word read or byte/word write operation
6:0
Byte offset for byte/word read or write operation. For block read or write operations, these bits
need to be set at ‘0000000’.
Table 3. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1Start
1Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
‘00000000’ stands for block operation
11:18
Command Code – 8 bits
‘00000000’ stands for block operation
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte count – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29:36
Data byte 0 – 8 bits
28
Read
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Data byte 1 – 8 bits
30:37
Byte count from slave – 8 bits
46
Acknowledge from slave
38
Acknowledge
...
Data byte N/Slave acknowledge...
39:46
Data byte from slave – 8 bits
...
Data byte N – 8 bits
47
Acknowledge
...
Acknowledge from slave
48:55
Data byte from slave – 8 bits
...
Stop
56
Acknowledge
...
Data bytes from slave/Acknowledge
...
Data byte N from slave - 8 bits
...
Not acknowledge
...
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com