Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY28317PVC-2 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # CY28317PVC-2
Description  FTG for Mobile VIA??PL133T and PLE133T Chipsets
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28317PVC-2 Datasheet(HTML) 1 Page - Silicon Laboratories

  CY28317PVC-2 Datasheet HTML 1Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 2Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 3Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 4Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 5Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 6Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 7Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 8Page - Silicon Laboratories CY28317PVC-2 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FTG for Mobile VIA™ PL133T and PLE133T Chipsets
CY28317-2
....................... Document #: 38-07094 Rev. *B Page 1 of 20
400 West Cesar Chavez, Austin, TX 78701
1+(512) 416-8500
1+(512) 416-9669
www.silabs.com
1CY28317-2
Features
• Single-chip system frequency synthesizer for mobile
VIA PL133T and PLE133T chipsets
• Programmable clock output frequency with less than
1 MHz increment
• Integrated fail-safe Watchdog Timer for system
recovery
• Automatic switch to HW-selected or SW-programmed
clock frequency when Watchdog Timer time-out occurs
• System RESET generation capability after a Watchdog
Timer time-out occurs or a change in output frequency
via SMBus interface
• Support SMBus byte Read/Write and block Read/ Write
operations to simplify system BIOS development
• Vendor ID and Revision ID support
• Programmable drive strength for SDRAM and PCI
output clocks
• Programmable output skew for CPU, PCI and SDRAM
• Maximized EMI Suppression using Cypress’s Spread
Spectrum technology
• Available in 48-pin SSOP and TSSOP packages
Key Specifications
CPU to CPU Output Skew: ......................................... 175 ps
PCI to PCI Output Skew: ............................................ 500 ps
Block Diagram
Pin Configuration
Note:
1. Signals marked with ‘*’ have internal pull-up resistors.
[1]
VDD_REF
REF0
PCI0_F/FS4*
XTAL
PLL Ref Freq
PLL 1
X2
X1
REF1/FS2*
VDD_PCI
PCI2:6
48MHz/FS0*
24_48MHz/FS1*
PLL2
÷2,3,4
OSC
VTT_PWRGD#
VDD_48MHz
SMBus
SDATA
Logic
SCLK
SDRAM0:6
SDRAMIN
7
VDD_SDRAM
PCI1/FS3*
CPU0:1, CPUT, CPUC
÷2
GND_CPU
*FS2/REF1
REF0
VTT_PWRGD#
VDD_REF
GND_REF
X1
X2
VDD_PCI
*FS4/PCI0_F
*FS3/PCI1
GND_PCI
PCI2
PCI3
PCI4
PCI5
PCI6
SDRAMIN
*CPU_STOP#
*PCI_STOP#
*PD#
*MULT_SEL
GND_48MHz
SDATA
CPU0
CPU1
VDD_CPU_2.5
VDD_CPU_3.3
CPUT
CPUC
GND_CPU
RST#
IREF
SDRAM6
GND_SDRAM
SDRAM0
SDRAM1
VDD_SDRAM
SDRAM2
SDRAM3
GND_SDRAM
SDRAM4
SDRAM5
VDD_SDRAM
VDD_48MHz
48MHz/FS0*
24_48MHz/FS1*
SCLK
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Logic
Reset
RST#
IREF
MULT_SEL
PCI_STOP#
CPU_STOP#
PD#


Similar Part No. - CY28317PVC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28317PVC-2 CYPRESS-CY28317PVC-2 Datasheet
172Kb / 21P
FTG for Mobile VIA PL133T and PLE133T Chipsets
logo
SpectraLinear Inc
CY28317PVC-2 SPECTRALINEAR-CY28317PVC-2 Datasheet
263Kb / 20P
FTG for Mobile VIA??PL133T and PLE133T Chipsets
logo
Cypress Semiconductor
CY28317PVC-2T CYPRESS-CY28317PVC-2T Datasheet
172Kb / 21P
FTG for Mobile VIA PL133T and PLE133T Chipsets
logo
SpectraLinear Inc
CY28317PVC-2T SPECTRALINEAR-CY28317PVC-2T Datasheet
263Kb / 20P
FTG for Mobile VIA??PL133T and PLE133T Chipsets
More results

Similar Description - CY28317PVC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28317-2 CYPRESS-CY28317-2 Datasheet
172Kb / 21P
FTG for Mobile VIA PL133T and PLE133T Chipsets
CY28325-3 CYPRESS-CY28325-3 Datasheet
266Kb / 19P
FTG for VIA Pentium 4 Chipsets
CY28316 CYPRESS-CY28316 Datasheet
170Kb / 20P
FTG for VIA PL133T and PLE133T
logo
SpectraLinear Inc
CY28316 SPECTRALINEAR-CY28316 Datasheet
207Kb / 17P
FTG for VIA PL133T and PLE133T
CY28317-2 SPECTRALINEAR-CY28317-2 Datasheet
263Kb / 20P
FTG for Mobile VIA??PL133T and PLE133T Chipsets
CY28325-3 SPECTRALINEAR-CY28325-3 Datasheet
206Kb / 18P
FTG for VIA??Pentium 4??Chipsets
logo
Cypress Semiconductor
CY28316 CYPRESS-CY28316_02 Datasheet
158Kb / 18P
FTG for VIA PL133T and PLE133T
CY28323 CYPRESS-CY28323 Datasheet
180Kb / 22P
FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28349B CYPRESS-CY28349B_05 Datasheet
494Kb / 21P
FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28325-2 CYPRESS-CY28325-2 Datasheet
343Kb / 19P
FTG for VIA Pentium 4 Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com