Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYW20705 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYW20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20705 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYW20705 Datasheet HTML 1Page - Cypress Semiconductor CYW20705 Datasheet HTML 2Page - Cypress Semiconductor CYW20705 Datasheet HTML 3Page - Cypress Semiconductor CYW20705 Datasheet HTML 4Page - Cypress Semiconductor CYW20705 Datasheet HTML 5Page - Cypress Semiconductor CYW20705 Datasheet HTML 6Page - Cypress Semiconductor CYW20705 Datasheet HTML 7Page - Cypress Semiconductor CYW20705 Datasheet HTML 8Page - Cypress Semiconductor CYW20705 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
Document Number: 002-14867 Rev. *F
Page 4 of 51
CYW20705
1. Overview
The Cypress CYW20705 complies with Bluetooth Core Specification, version 4.1 and is designed for use in standard Host Controller
Interface (HCI) UART and HCI USB applications. The combination of the Bluetooth Baseband Core (BBC), a Peripheral Transport
Unit (PTU), and an ARM®-based microprocessor with on-chip ROM provides a complete lower layer Bluetooth protocol stack,
including the Link Controller (LC), Link Manager (LM), and HCI.
1.1 Major Features
Major features of the CYW20705 include:
Support for Bluetooth 4.1 + EDR including the following options:
A whitelist size of 25.
Enhanced Power Control
HCI Read Encryption Key Size command
Full support for Bluetooth 2.1 + EDR additional features:
Secure Simple Pairing (SSP)
Encryption Pause Resume (EPR)
Enhance Inquiry Response (EIR)
Link Supervision Time Out (LSTO)
Sniff SubRating (SSR)
Erroneous Data (ED)
Packet Boundary Flag (PBF)
Built-in Low Drop-Out (LDO) regulators (2)
1.63 to 5.5V input voltage range
1.8 to 3.3V intermediate programmable output voltage
Integrated RF section
Single-ended, 50 ohm RF interface
Built-in TX/RX switch functionality
TX Class 1 output power capability
RX sensitivity basic rate of –88 dBm
RX sensitivity for Low Energy of –92 dBm
Supports maximum Bluetooth data rates over HCI UART, USB, and SPI interfaces
Multipoint operation, with up to 7 active slaves
Maximum of 7 simultaneous active ACL links
Maximum of 3 simultaneous active SCO and eSCO links, with Scatternet support
Scatternet operation, with up to 4 active piconets (with background scan and support for ScatterMode)
High-speed HCI UART transport support
H4 five-wire UART (four signal wires, one ground wire)
H5 three-wire UART (two signal wires, one ground wire)
Maximum UART baud rates of 4 Mbps
Low-power out-of-band BT_WAKE and HOST_WAKE signaling
VSC from host transport to UART
Proprietary compressing scheme (allows more than 2 simultaneous A2DP packets and up to 5 devices at a time)
HCI USB transport support
USB version 2.0 full-speed compliant interface
Full USB hub
UHE (proprietary method for emulating a Human Interface Device (HID) at system bootup)
Channel Quality-Driven Data Rate (CQDDR) and packet type selection
Standard Bluetooth test modes
Extended radio and production test mode features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com