Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYW20705 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYW20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20705 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYW20705 Datasheet HTML 1Page - Cypress Semiconductor CYW20705 Datasheet HTML 2Page - Cypress Semiconductor CYW20705 Datasheet HTML 3Page - Cypress Semiconductor CYW20705 Datasheet HTML 4Page - Cypress Semiconductor CYW20705 Datasheet HTML 5Page - Cypress Semiconductor CYW20705 Datasheet HTML 6Page - Cypress Semiconductor CYW20705 Datasheet HTML 7Page - Cypress Semiconductor CYW20705 Datasheet HTML 8Page - Cypress Semiconductor CYW20705 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
CYW20705
Single-Chip Bluetooth Transceiver and
Baseband Processor
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-14867 Rev. *F
Revised Thursday, November 9, 2017
The Cypress CYW20705 is a monolithic, single-chip, Bluetooth 4.1 compliant, stand-alone baseband processor with an integrated
2.4 GHz transceiver. Manufactured using the industry's most advanced 65 nm CMOS low-power process, the CYW20705 employs
the highest level of integration, eliminating all critical external components, and thereby minimizing the device’s footprint and costs
associated with the implementation of Bluetooth solutions.
The CYW20705 is the optimal solution for voice and data applications that require a Bluetooth SIG standard Host Controller Interface
(HCI) via USB, UART H4 or H5, and PCM audio interface support. The CYW20705 radio transceiver’s enhanced radio performance
meets the most stringent industrial temperature application requirements for compact integration into mobile handset and portable
devices. The CYW20705 is fully compatible with all standard TCXO frequencies and provides full radio compatibility, enabling it to
operate simultaneously with GPS and cellular radios.
Cypress Part Numbering Scheme
Cypress is converting the acquired IoT part numbers from Broadcom to the Cypress part numbering scheme. Due to this conversion,
there is no change in form, fit, or function as a result of offering the device with Cypress part number marking. The table provides
Cypress ordering part number that matches an existing IoT part number.
Acronyms and Abbreviations
In most cases, acronyms and abbreviations are defined on first use.
For a comprehensive list of acronyms and other terms used in Cypress documents, go to:
http://www.cypress.com/glossary
Features
Bluetooth 4.1 + EDR compliant
Class 1 capable with built-in PA
Programmable output power control meets Class 1, Class 2,
or Class 3 requirements
Use supply voltages up to 5.5V
Supports Cypress SmartAudio™, wide-band speech, SBC
codec, and packet loss concealment.
Fractional-N synthesizer supports frequency references from
12 MHz to 52 MHz
Automatic frequency detection for standard crystal and TCXO
values when an external 32.768 kHz reference clock is
provided.
Ultra-low power consumption
Supports serial flash interfaces
Available in a 50-ball FPBGA package.
ARM7TDMI-S™–based microprocessor with integrated ROM
and RAM
Supports mobile and PC applications without external memory
A USB hub
Appliactions
Desktop and laptop personal computers
Computer peripheral devices (PCMCIA cards, CF cards, and USB dongles)
Personal digital assistants
Automotive telematic systems
Table 1. Mapping Table for Part Number between Broadcom and Cypress
Broadcom Part Number
Cypress Part Number
BCM20705
CYW20705
BCM20705A1KWFBG
CYW20705A1KWFBG
BCM20705B0KWFBG
CYW20705B0KWFBG


Similar Part No. - CYW20705

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20705A1KWFBG CYPRESS-CYW20705A1KWFBG Datasheet
1Mb / 67P
Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705A1KWFBGT CYPRESS-CYW20705A1KWFBGT Datasheet
1Mb / 67P
Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705B0KWFBG CYPRESS-CYW20705B0KWFBG Datasheet
1Mb / 67P
Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705B0KWFBGT CYPRESS-CYW20705B0KWFBGT Datasheet
1Mb / 67P
Single-Chip Bluetooth Transceiver and Baseband Processor
More results

Similar Description - CYW20705

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ML2011 BOARDCOM-ML2011 Datasheet
130Kb / 1P
GSM SINGLE-CHIP BASEBAND PROCESSOR
logo
List of Unclassifed Man...
PL-6313 ETC1-PL-6313 Datasheet
314Kb / 2P
Single-Chip GPS Baseband Processor
logo
Cypress Semiconductor
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
Single-Chip Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXG CYPRESS-BCM89071A1CUBXG Datasheet
1Mb / 69P
Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXGT CYPRESS-BCM89071A1CUBXGT Datasheet
1Mb / 69P
Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20706 CYPRESS-CYW20706 Datasheet
4Mb / 50P
Embedded Bluetooth 4.2 SoC with MCU, Bluetooth Transceiver, and Baseband Processor
CYW89071 CYPRESS-CYW89071 Datasheet
935Kb / 51P
Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com