Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYW20705 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYW20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20705 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYW20705 Datasheet HTML 5Page - Cypress Semiconductor CYW20705 Datasheet HTML 6Page - Cypress Semiconductor CYW20705 Datasheet HTML 7Page - Cypress Semiconductor CYW20705 Datasheet HTML 8Page - Cypress Semiconductor CYW20705 Datasheet HTML 9Page - Cypress Semiconductor CYW20705 Datasheet HTML 10Page - Cypress Semiconductor CYW20705 Datasheet HTML 11Page - Cypress Semiconductor CYW20705 Datasheet HTML 12Page - Cypress Semiconductor CYW20705 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Document Number: 002-14867 Rev. *F
Page 9 of 51
CYW20705
2.5 Internal LDO
Two internal Low Drop-Out (LDO) voltage regulators eliminate the need for external voltage regulators and therefore reduce the BOM.
The first LDO is a preregulator (HV LDO). The second LDO (Main LDO) supplies the main power to the CYW20705 (see Figure 4).
The HV LDO has an input voltage range of 2.3V to 5.5V. The input VBAT is ideal for batteries. The VREGHV output is programmable
from 1.8V to 3.3V, in 100 mV steps. The dropout voltage is 200 mV. The HV LDO can supply up to 95 mA, which leaves spare power
for external circuitry such as an RF power amp for higher transmit power. If the HV LDO is not used, to turn off the HV LDO and
minimize current consumption, connect the VBAT input to the VREGHV output. Firmware can then disable the HV LDO, saving the
quiescent current.
The HV LDO default output voltage is 2.9V, allowing this regulator to be used to power external NV memory devices, as well as the
VDDO rail. The firmware can then adjust this output to as low as 1.8V, if desired, to power VDDTF.
The main LDO has a 1.22V output (VREG) and is used to supply main power to the CYW20705. The input of this LDO (VREGHV)
has an input voltage range of from 1.63V to 3.63V. The output of the HV LDO is internally connected to the input to the main LDO.
Power can be applied to VREGHV when the HV LDO is not used. The main LDO supplies power to the entire device for Class 2
operation. The main LDO can drive up to 60 mA, which leaves spare power for external circuitry. The main LDO is bypassed by not
connecting anything to its output (VREG) and driving 1.12V–1.32V directly to VDDC and VDDRF.
REG_EN provides a control signal for the host to control power to the CYW20705. When power is enabled, the CYW20705 will require
complete initialization.
Figure 4. LDO Functional Block Diagram
HV LDO
Main LDO
VREGHV
VBAT
VREG
REG_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com