Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9B360L Datasheet(PDF) 55 Page - Cypress Semiconductor

Part # MB9B360L
Description  32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360L Datasheet(HTML) 55 Page - Cypress Semiconductor

Back Button MB9B360L Datasheet HTML 51Page - Cypress Semiconductor MB9B360L Datasheet HTML 52Page - Cypress Semiconductor MB9B360L Datasheet HTML 53Page - Cypress Semiconductor MB9B360L Datasheet HTML 54Page - Cypress Semiconductor MB9B360L Datasheet HTML 55Page - Cypress Semiconductor MB9B360L Datasheet HTML 56Page - Cypress Semiconductor MB9B360L Datasheet HTML 57Page - Cypress Semiconductor MB9B360L Datasheet HTML 58Page - Cypress Semiconductor MB9B360L Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 128 page
background image
Document Number: 002-04930 Rev.*B
Page 55 of 128
MB9B360L Series
Calculation Method of Power Dissipation (Pd)
The power dissipation is shown in the following formula.
Pd = VCC × ICC
+ Σ (IOL × VOL) + Σ ((VCC-VOH) × (-IOH))
IOL: "L" level output current
IOH: "H" level output current
VOL: "L" level output voltage
VOH: "H" level output voltage
ICC is a current consumed in device.
It can be analyzed as follows.
ICC = ICC
(INT) + ΣICC(IO)
ICC(INT): Current consumed in internal logic and memory, etc. through regulator
ΣICC(IO): Sum of current (I/O switching current) consumed in output pin
For ICC (INT), it can be anticipated by "12.3.1 Current Rating" in "12.3 DC Characteristics" (This rating value does not include ICC (IO)
for a value at pin fixed).
For Icc (IO), it depends on system used by customers.
The calculation formula is shown below.
ICC(IO) = (CINT + CEXT) × VCC × fsw
CINT: Pin internal load capacitance
CEXT: External load capacitance of output pin
fSW: Pin switching frequency
Parameter
Symbol
Conditions
Capacitance Value
Pin internal load capacitance
CINT
4 mA type
1.93 pF
8 mA type
3.45 pF
12 mA type
3.42 pF
Calculate ICC (Max) as follows when the power dissipation can be evaluated.
1. Measure current value ICC (Typ) at normal temperature (+25°C).
2. Add maximum leak current value ICC (leak_max) at operating on a value in (1).
ICC(Max) = ICC(Typ) + ICC(leak_max)
Parameter
Symbol
Conditions
Current Value
Maximum leak current at operating
ICC(leak_max)
Tj = +125 °C
28 mA
Tj = +105 °C
17 mA
Tj = +85 °C
13 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com