Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9B360L Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # MB9B360L
Description  32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360L Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button MB9B360L Datasheet HTML 21Page - Cypress Semiconductor MB9B360L Datasheet HTML 22Page - Cypress Semiconductor MB9B360L Datasheet HTML 23Page - Cypress Semiconductor MB9B360L Datasheet HTML 24Page - Cypress Semiconductor MB9B360L Datasheet HTML 25Page - Cypress Semiconductor MB9B360L Datasheet HTML 26Page - Cypress Semiconductor MB9B360L Datasheet HTML 27Page - Cypress Semiconductor MB9B360L Datasheet HTML 28Page - Cypress Semiconductor MB9B360L Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
Document Number: 002-04930 Rev.*B
Page 25 of 128
MB9B360L Series
Pin Function
Pin Name
Function Description
Pin No
LQFP64
QFN64
LQFP48
QFN48
Multi-
function
Timer
0
DTTI0X_0
Input signal controlling wave form generator outputs
RTO00 to RTO05 of Multi-function timer 0.
9
5
FRCK0_0
16-bit free-run timer ch.0 external clock input pin
8
4
IC00_0
16-bit input capture ch.0 input pin of Multi-function timer 0.
ICxx describes channel number.
4
-
IC00_1
37
28
IC00_2
59
43
IC01_0
5
-
IC01_1
36
27
IC01_2
60
44
IC02_0
6
2
IC02_1
35
26
IC03_0
7
3
IC03_1
34
25
RTO00_0
(PPG00_0)
Wave form generator output pin of Multi-function timer 0.
This pin operates as PPG00 when it is used in PPG0 output
modes.
10
6
RTO01_0
(PPG00_0)
Wave form generator output pin of Multi-function timer 0.
This pin operates as PPG00 when it is used in PPG0 output
modes.
11
7
RTO02_0
(PPG02_0)
Wave form generator output pin of Multi-function timer 0.
This pin operates as PPG02 when it is used in PPG0 output
modes.
12
8
RTO03_0
(PPG02_0)
Wave form generator output pin of Multi-function timer 0.
This pin operates as PPG02 when it is used in PPG0 output
modes.
13
9
RTO04_0
(PPG04_0)
Wave form generator output pin of Multi-function timer 0.
This pin operates as PPG04 when it is used in PPG0 output
modes.
14
10
RTO05_0
(PPG04_0)
Wave form generator output pin of Multi-function timer 0.
This pin operates as PPG04 when it is used in PPG0 output
modes.
15
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com