Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9B360L Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB9B360L
Description  32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360L Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB9B360L Datasheet HTML 24Page - Cypress Semiconductor MB9B360L Datasheet HTML 25Page - Cypress Semiconductor MB9B360L Datasheet HTML 26Page - Cypress Semiconductor MB9B360L Datasheet HTML 27Page - Cypress Semiconductor MB9B360L Datasheet HTML 28Page - Cypress Semiconductor MB9B360L Datasheet HTML 29Page - Cypress Semiconductor MB9B360L Datasheet HTML 30Page - Cypress Semiconductor MB9B360L Datasheet HTML 31Page - Cypress Semiconductor MB9B360L Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 128 page
background image
Document Number: 002-04930 Rev.*B
Page 28 of 128
MB9B360L Series
5. I/O Circuit Type
Type
Circuit
Remarks
A
It is possible to select the main
oscillation / GPIO function
When the main oscillation is
selected.
• Oscillation feedback resistor
: Approximately 1 M
Ω
• With Standby mode control
When the GPIO is selected.
• CMOS level output.
• CMOS level hysteresis input
• With pull-up resistor control
• With standby mode control
• Pull-up resistor
: Approximately 50 k
Ω
• IOH = -4 mA, IOL = 4 mA
B
• CMOS level hysteresis input
• Pull-up resistor
: Approximately 50 k
Ω
P-ch
P-ch
N-ch
R
R
P-ch
P-ch
N-ch
X0
X1
Standby mode control
Digital input
Standby mode control
Digital output
Digital output
Clock input
Digital input
Standby mode control
Pull-up resistor control
Pull-up resistor control
Digital output
Digital output
Pull-up resistor
Digital input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com