Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSK5824RH Datasheet(PDF) 4 Page - Anaren Microwave

Part # MSK5824RH
Description  RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK5824RH Datasheet(HTML) 4 Page - Anaren Microwave

  MSK5824RH Datasheet HTML 1Page - Anaren Microwave MSK5824RH Datasheet HTML 2Page - Anaren Microwave MSK5824RH Datasheet HTML 3Page - Anaren Microwave MSK5824RH Datasheet HTML 4Page - Anaren Microwave MSK5824RH Datasheet HTML 5Page - Anaren Microwave MSK5824RH Datasheet HTML 6Page - Anaren Microwave MSK5824RH Datasheet HTML 7Page - Anaren Microwave MSK5824RH Datasheet HTML 8Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
APPLICATION NOTES CONT.
4
To select a heat sink for the MSK5824RH, the following
formula for convective heat flow may be used.
Governing Equation:
TJ = PD X (RθJC + RθCS + RθSA) + TA
Where
TJ
= Junction Temperature
PD
= Total Power Dissipation
RθJC = Junction to Case Thermal Resistance
RθCS = Case to Heat Sink Thermal Resistance
RθSA = Heat Sink to Ambient Thermal Resistance
TA
= Ambient Temperature
Power Dissipation=(VIN-VOUT) x IOUT
Next, the user must select a maximum junction tem-
perature. The absolute maximum allowable junction tem-
perature is 150°C. The equation may now be rearranged
to solve for the required heat sink to ambient thermal
resistance (RθSA).
Example:
An MSK5824RH is connected for VIN=+3.3V and
VOUT=+2.5V. IOUT is a continuous 3A DC level. The am-
bient temperature is +25°C. The maximum desired junc-
tion temperature is +125°C.
RθJC=6.5°C/W and RθCS=0.15°C/W for most thermal
greases
Power Dissipation=(3.3V-2.5V) x (3A)
=2.4 Watts
Solve for RθSA:
125°C - 25°C
2.4W
= 35.0°C/W
In this example, a heat sink with a thermal resistance
of no more than 35.0°C/W must be used to maintain a
junction temperature of no more than 125°C.
The MSK5824RH control circuitry has a thermal shut-
down temperature of approximately 150°C. This ther-
mal shutdown can be used as a protection feature, but
for continuous operation, the junction temperature of the
pass transistor must be maintained below 150°C. Proper
heat sink selection is essential to maintain these condi-
tions. Exceeding the thermal limit activates the latch fea-
ture of the MSK5824RH. Toggle the shutdown pin high then
low or cycle power to reset the latch. See shutdown pin
description and overcurrent latch description for more in-
formation.
TYPICAL APPLICATIONS CIRCUIT
RθSA=
- 6.5°C/W - 0.15°C/W
FIGURE 2
THERMAL LIMITING
HEAT SINK SELECTION
Radiation performance curves for TID, Neutron and
ELDRS testing have been generated for all radiation test-
ing performed by MS Kennedy. These curves show per-
formance trends throughout the TID test process and
are located in the MSK5826RH radiation test report. The
complete radiation test report is available in the RAD HARD
PRODUCTS section on the MSK website.
TOTAL DOSE RADIATION TEST
PERFORMANCE
http://www.mskennedy.com/store.asp?pid=9951&catid=19680
START UP CURRENT
The MSK5824RH sinks increased current during startup
to bring up the output voltage. Reference the "Saturated
Drive Current vs. Input Voltage graph in the typical per-
formance curves of this data sheet and the "Understand-
ing Startup Surge Current With MS Kennedy's RH1573
Based Rad Hard LDO Regulators" application note in the
application notes section of the MS Kennedy Web site
for more information.
http://www.mskennedy.com/
8548-58 Rev. H 6/14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com