Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSK5824RH Datasheet(PDF) 3 Page - Anaren Microwave

Part # MSK5824RH
Description  RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK5824RH Datasheet(HTML) 3 Page - Anaren Microwave

  MSK5824RH Datasheet HTML 1Page - Anaren Microwave MSK5824RH Datasheet HTML 2Page - Anaren Microwave MSK5824RH Datasheet HTML 3Page - Anaren Microwave MSK5824RH Datasheet HTML 4Page - Anaren Microwave MSK5824RH Datasheet HTML 5Page - Anaren Microwave MSK5824RH Datasheet HTML 6Page - Anaren Microwave MSK5824RH Datasheet HTML 7Page - Anaren Microwave MSK5824RH Datasheet HTML 8Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
APPLICATION NOTES
The MSK5824RH contains three internal 4.7μF tantalum
output capacitors, type CWR19HB475KCBB.The capacitor
are rated for 15V maximum applied voltage and have been
surge tested in accordance with condition B of MIL-PRF-
55365. The system designer must ensure proper de-rating
in accordance with their system requiremenets.
Low ESR output capacitors are required to maintain regu-
lation and stability. Four CWR29FB227 (AVX PN
TAZH227K010L) tantalum capacitors in parallel with ce-
ramic decoupling capacitors (0.1μF typical) provides suf-
ficient gain and phase margin for most applications. The
maximum ESR specification for the CWR29FB227 capaci-
tor is 180mΩ at 100kHz and is sufficient for many appli-
cations. MSK has found through full WCCA that screen-
ing for a maximum ESR of 57mΩ ensures EOL stability
criteria to be met for many applications with the most
stringent requirements. The typical ESR of the
TAZH227K010L from AVX is 49mΩ . Analysis of the fi-
nal design is recommended to ensure stability require-
ments are met.
INPUT POWER SUPPLY BYPASSING
3
FIGURE 1
Overcurrent protection is provided by the MSK5824RH
series through the use of a timed latch off circuit. The
internal latch timeout is triggered by an overcurrent con-
dition. To allow for start up surge currents, the timeout is
approximately 22mS at 25°C. If the overcurrent condi-
tion remains at the end of the timeout cycle, the regulator
will latch off until the latch is reset. To reset the latch,
toggle the shutdown pin high then low or cycle VIN off
then back on. At elevated temperatures or input voltages
the device may simply limit the output current without
activating the latch feature. A thermal limit condition will
trigger the latch with no time out delay.
OVERCURRENT LATCH
The MSK5824RH contains an internal 4.7μF tantalum in-
put capacitor, type CWR19HB475CBB. The capacitor is rated
for 15V maximum applied voltage and has been surge tested
in accordance with condition B of MIL-PRF-55365. The sys-
tem designer must ensure proper de-rating in accordance
with their system requirements. To maximize transient re-
sponse and minimize power supply transients it is recom-
mended that two 47μF tantalum capacitors are connected
between VIN and ground. A 0.1μF ceramic capacitor should
also be used for high frequency bypassing. See typical appli-
cation circuit.
CURRENT LIMIT AND SOA
The MSK5824RH current limit function is directly affected
by the input and output voltages. Figure 1 illustrates the rela-
tionship between VIN and ICL for various output voltages. It
is very important for the user to consult the SOA curve when
using input voltages which result in current limit conditions
beyond 3.5 Amps. When using input voltages which result in
current limit above 3.5 Amps, the user must maintain output
current within the SOA curve to avoid damage to the device.
The current limit is adjusted internally for an input voltage of
3.3V.
OUTPUT CAPACITOR SELECTION
VIN- These pins provide power to all internal circuitry includ-
ing bias, start-up, thermal limit and overcurrent latch. Input
voltage range is 2.9V to 6.5V but the MSK5824RH is opti-
mized for 3.3V input. See MSK5826RH for 5V input version.
GND - Internally connected to ground, these pins should
be connected externally by the user to the circuit ground.
SHUTDOWN - There are two functions to the SHUTDOWN
pin. It may be used to disable the output voltage or to
reset a current latch condition. To activate the shutdown/
reset functions the user must apply a voltage greater than
1.6V to the SHUTDOWN pin. The voltage applied to the SHUT-
DOWN pin can be greater than the input voltage. The output
voltage will turn on when the SHUTDOWN pin is pulled be-
low the threshold voltage. If the SHUTDOWN pin is not used,
it should be connected to ground. It should be noted that
with the shutdown pin tied to ground, a current latch condi-
tion can only be reset by cycling power off, then on.
VOUT - These are the output pins for the device.
ADJUST - This pin is used to set the output voltage. Con-
nect a resistor between the adjust pin (4) and the output
pins (5 and 6) to fix the output voltage at the desired
value. Use the following equations to determine the nomi-
nal value of the adjust resistor (RADJ).
VOUT=VREF x (1 + RADJ/1KΩ)
RADJ=(VOUT/VREF - 1) x 1KΩ
PIN FUNCTIONS
8548-58 Rev. H 6/14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com