Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSK5824RH Datasheet(PDF) 2 Page - Anaren Microwave

Part # MSK5824RH
Description  RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK5824RH Datasheet(HTML) 2 Page - Anaren Microwave

  MSK5824RH Datasheet HTML 1Page - Anaren Microwave MSK5824RH Datasheet HTML 2Page - Anaren Microwave MSK5824RH Datasheet HTML 3Page - Anaren Microwave MSK5824RH Datasheet HTML 4Page - Anaren Microwave MSK5824RH Datasheet HTML 5Page - Anaren Microwave MSK5824RH Datasheet HTML 6Page - Anaren Microwave MSK5824RH Datasheet HTML 7Page - Anaren Microwave MSK5824RH Datasheet HTML 8Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Power Dissipation
Junction Temperature
ABSOLUTE MAXIMUM RATINGS
+7V
10v
3.5A
-55°C to +125°C
-40°C to +85°C
Supply Voltage
Shutdown Voltage
Output Current
Case Operating Temperature Range
MSK5824K/H RH
MSK5824RH
-65°C to +150°C
300°C
See SOA Curve
150°C
TST
TLD
PD
TC
VIN
VSD
IOUT
TC
Unless otherwise specified, VIN=3.3V, VSHUTDOWN=0V and IOUT=50mA. See figure 2 for typical test circuit.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for refer-
ence only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise requested.
Military grade devices ("H" and "K" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Dropout limited by minimum value of VIN.
Subgroup 1,4
TC=+25°C
Subgroup 2
TC=+125°C
Subgroup 3
TA=-55°C
Output current limit is dependent upon the values of VIN and VOUT. See application notes "Over Current Latch" and "Cur-
rent Limit and SOA".
Refer to typical performance curves.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
Pre and post irradiation limits at 25°C, up to 300Krad TID, are identical unless otherwise specified.
Reference DSCC SMD 5962F09208 for electrical specification for devices purchased as such.
Internal solder reflow temperature is 180°C, do not exceed.
NOTES:
ELECTRICAL SPECIFICATIONS
2
9
7
12
8548-58 Rev. H 6/14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com