| Electronic Components Datasheet Search |
|
PIC12C672T-04I/JM Datasheet(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12C672T-04I/JM Datasheet(HTML) 34 Page - Microchip Technology |
|
34 / 129 page ![]() PIC12C67X DS30561B-page 34 © 1999 Microchip Technology Inc. 6.1.5 ACKNOWLEDGE The EEPROM, when addressed, will generate an acknowledge after the reception of each byte. The pro- cessor must generate an extra clock pulse which is associated with this acknowledge bit. The device that acknowledges has to pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse. Of course, setup and hold times must be taken into account. The processor must signal an end of data to the EEPROM by not generating an acknowledge bit on the last byte that has been clocked out of the EEPROM. In this case, the EEPROM must leave the data line HIGH to enable the processor to generate the STOP condition (Figure 6-4). FIGURE 6-1: BLOCK DIAGRAM OF GPIO6 (SDA LINE) FIGURE 6-2: BLOCK DIAGRAM OF GPIO7 (SCL LINE) Note: Acknowledge bits are not generated if an internal programming cycle is in progress. EN D EN QD CK Reset CK Q Data Bus Write Output Latch To EEPROM SDA Schmitt Trigger ltchpin Input Latch Read VDD Pad GPIO GPIO P EN D EN QD CK CK Q Data Bus Write To EEPROM SCL ltchpin Read VDD Pad Schmitt Trigger GPIO GPIO P N Output Latch |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |