Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12C672T-04I/JM Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC12C672T-04I/JM
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C672T-04I/JM Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC12C672T-04I/JM Datasheet HTML 54Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 55Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 56Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 57Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 58Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 59Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 60Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 61Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 129 page
background image
PIC12C67X
DS30561B-page 58
© 1999 Microchip Technology Inc.
9.4
Power-on Reset (POR), Power-up
Timer (PWRT) and Oscillator Start-up
Timer (OST)
9.4.1
POWER-ON RESET (POR)
The on-chip POR circuit holds the chip in reset until
VDD has reached a high enough level for proper opera-
tion. To take advantage of the POR, just tie the MCLR
pin through a resistor to VDD. This will eliminate exter-
nal RC components usually needed to create a Power-
on Reset. A maximum rise time for VDD is specified.
See Electrical Specifications for details.
When the device starts normal operation (exits the
reset condition), device operating parameters (voltage,
frequency, temperature, ...) must be met to ensure
operation. If these conditions are not met, the device
must be held in reset until the operating conditions are
met.
For additional information, refer to Application Note
AN607, "
Power-up Trouble Shooting."
9.4.2
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 72 ms nominal
time-out on power-up only, from the POR. The Power-
up Timer operates on an internal RC oscillator. The
chip is kept in reset as long as the PWRT is active. The
PWRT’s time delay allows VDD to rise to an acceptable
level. A configuration bit is provided to enable/disable
the PWRT.
The power-up time delay will vary from chip to chip due
to VDD, temperature and process variation. See
Table 11-4.
9.4.3
OSCILLATOR START-UP TIMER (OST)
The Oscillator Start-up Timer (OST) provides 1024
oscillator cycle (from OSC1 input) delay after the
PWRT delay is over. This ensures that the crystal oscil-
lator or resonator has started and stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on Power-on Reset or wake-up from
SLEEP.
9.4.4
TIME-OUT SEQUENCE
On power-up, the Time-out Sequence is as follows:
first, PWRT time-out is invoked after the POR time
delay has expired; then, OST is activated. The total
time-out will vary, based on oscillator configuration and
the status of the PWRT. For example, in RC mode with
the PWRT disabled, there will be no time-out at all.
Figure 9-7, Figure 9-8, and Figure 9-9 depict time-out
sequences on power-up.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire. Then
bringing MCLR high will begin execution immediately
(Figure 9-9). This is useful for testing purposes or to
synchronize more than one PIC12C67X device operat-
ing in parallel.
9.4.5
POWER CONTROL (PCON)/STATUS
REGISTER
The Power Control/Status Register, PCON (address
8Eh), has one bit. See Register 4-6 for register.
Bit1 is POR (Power-on Reset). It is cleared on a Power-
on Reset and is unaffected otherwise. The user sets
this bit following a Power-on Reset. On subsequent
resets, if POR is ‘0’, it will indicate that a Power-on
Reset must have occurred.
TABLE 9-4:
TIME-OUT IN VARIOUS SITUATIONS
TABLE 9-5:
STATUS/PCON BITS AND THEIR SIGNIFICANCE
Legend: u = unchanged, x = unknown.
Oscillator Configuration
Power-up
Wake-up from SLEEP
PWRTE = 0
PWRTE = 1
XT, HS, LP
72 ms + 1024TOSC
1024TOSC
1024TOSC
INTRC, EXTRC
72 ms
—
—
POR
TO
PD
01
1
Power-on Reset
00
x
Illegal, TO is set on POR
0x
0
Illegal, PD is set on POR
10
u
WDT Reset
10
0
WDT Wake-up
1u
u
MCLR Reset during normal operation
11
0
MCLR Reset during SLEEP or interrupt wake-up from SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com