Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12C672T-04I/JM Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC12C672T-04I/JM
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C672T-04I/JM Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC12C672T-04I/JM Datasheet HTML 13Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 14Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 15Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 16Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 17Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 18Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 19Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 20Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 129 page
background image
© 1999 Microchip Technology Inc.
DS30561B-page 17
PIC12C67X
4.2.2.3
INTCON REGISTER
The INTCON Register is a readable and writable regis-
ter, which contains various enable and flag bits for the
TMR0 Register overflow, GPIO port change and exter-
nal GP2/INT pin interrupts.
Note:
Interrupt flag bits get set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable bit, GIE (INTCON<7>).
REGISTER 4-3:
INTCON REGISTER (ADDRESS 0Bh, 8Bh)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-x
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7:
GIE: Global Interrupt Enable bit
1
= Enables all un-masked interrupts
0
= Disables all interrupts
bit 6:
PEIE: Peripheral Interrupt Enable bit
1
= Enables all un-masked peripheral interrupts
0
= Disables all peripheral interrupts
bit 5:
T0IE: TMR0 Overflow Interrupt Enable bit
1
= Enables the TMR0 interrupt
0
= Disables the TMR0 interrupt
bit 4:
INTE: INT External Interrupt Enable bit
1
= Enables the external interrupt on GP2/INT/T0CKI/AN2 pin
0
= Disables the external interrupt on GP2/INT/T0CKI/AN2 pin
bit 3:
GPIE: GPIO Interrupt on Change Enable bit
1
= Enables the GPIO Interrupt on Change
0
= Disables the GPIO Interrupt on Change
bit 2:
T0IF: TMR0 Overflow Interrupt Flag bit
1
= TMR0 register has overflowed (must be cleared in software)
0
= TMR0 register did not overflow
bit 1:
INTF: INT External Interrupt Flag bit
1
= The external interrupt on GP2/INT/T0CKI/AN2 pin occurred (must be cleared in software)
0
= The external interrupt on GP2/INT/T0CKI/AN2 pin did not occur
bit 0:
GPIF: GPIO Interrupt on Change Flag bit
1
= GP0, GP1 or GP3 pins changed state (must be cleared in software)
0
= Neither GP0, GP1 nor GP3 pins have changed state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com