Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12C672T-04I/JM Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC12C672T-04I/JM
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C672T-04I/JM Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC12C672T-04I/JM Datasheet HTML 98Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 99Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 100Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 101Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 102Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 103Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 104Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 105Page - Microchip Technology PIC12C672T-04I/JM Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 129 page
background image
PIC12C67X
DS30561B-page 102
© 1999 Microchip Technology Inc.
FIGURE 12-6: CLKOUT AND I/O TIMING
TABLE 12-3:
CLKOUT AND I/O TIMING REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units Conditions
10*
TosH2ckL OSC1
↑ to CLKOUT↓
—
75
200
ns
Note 1
11*
TosH2ckH OSC1
↑ to CLKOUT↑
—
75
200
ns
Note 1
12*
TckR
CLKOUT rise time
—
35
100
ns
Note 1
13*
TckF
CLKOUT fall time
—
35
100
ns
Note 1
14*
TckL2ioV
CLKOUT
↓ to Port out valid
—
—
0.5TCY + 20
ns
Note 1
15*
TioV2ckH
Port in valid before CLKOUT
↑
TOSC + 200
—
—
ns
Note 1
16*
TckH2ioI
Port in hold after CLKOUT
↑
0—
—
ns
Note 1
17*
TosH2ioV
OSC1
↑ (Q1 cycle) to Port out valid
—
50
150
ns
18*
TosH2ioI
OSC1
↑ (Q2 cycle) to Port
input invalid (I/O in hold
time)
PIC12C67X
100
—
—
ns
18A*
PIC12LC67X
200
—
—
ns
19*
TioV2osH Port input valid to OSC1
↑ (I/O in setup
time)
0—
—
ns
20*
TioR
Port output rise time
PIC12C67X
—
10
40
ns
20A*
PIC12LC67X
—
—
80
ns
21*
TioF
Port output fall time
PIC12C67X
—
10
40
ns
21A*
PIC12LC67X
—
—
80
ns
22††*
Tinp
GP2/INT pin high or low time
TCY
——
ns
23††*
Trbp
GP0/GP1/GP3 change INT high or low
time
TCY
——
ns
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
††
These parameters are asynchronous events not related to any internal clock edge.
Note 1:
Measurements are taken in EXTRC and INTRC modes where CLKOUT output is 4 x TOSC.
Note: Refer to Figure 12-4 for load conditions.
OSC1
CLKOUT
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
old value
new value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com