Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29AS008J Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 28Page - Cypress Semiconductor S29AS008J Datasheet HTML 29Page - Cypress Semiconductor S29AS008J Datasheet HTML 30Page - Cypress Semiconductor S29AS008J Datasheet HTML 31Page - Cypress Semiconductor S29AS008J Datasheet HTML 32Page - Cypress Semiconductor S29AS008J Datasheet HTML 33Page - Cypress Semiconductor S29AS008J Datasheet HTML 34Page - Cypress Semiconductor S29AS008J Datasheet HTML 35Page - Cypress Semiconductor S29AS008J Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 32 of 56
S29AS008J
S29AS008J Command Definitions (Byte Mode)
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Dat
a
Addr Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (Note 6)
1RA
RD
Reset (Note 7)
1
XXX
F0
Manufacturer ID
4
AAA
AA
555
55
AAA
90
X00
01
Device ID,
Top Boot Block
6
AAA
AA
555
55
AAA
90
X02
7E
X1C
04
X1E
04
Device ID,
Bottom Boot Block
6
AAA
AA
555
55
AAA
90
X02
7E
X1C
04
X1E
03
Secured Silicon Sector
Factory Protect, Top Boot
(Note 9)
4
AAA
AA
555
55
AAA
90
X06
89/09
Secured Silicon Sector
Factory Protect, Bottom
Boot (Note 9)
4
AAA
AA
555
55
AAA
90
X06
91/11
Sector Group Protect Verify
(Note 10)
4
AAA
AA
555
55
AAA
90
(SA)X04
00/01
Enter Secured Silicon Sector
3
AAA
AA
555
55
AAA
88
Exit Secured Silicon Sector
4
AAA
AA
555
55
AAA
90
XXX
00
CFI Query (Note 11)
1AA
98
Program
4
AAA
AA
555
55
AAA
A0
PA
PD
Unlock Bypass
3
AAA
AA
555
55
AAA
20
Unlock Bypass Program
(Note 12)
2
XXX
A0
PA
PD
Unlock Bypass Reset (Note 13)
2
XXX
90
XXX
F0
Chip Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
AAA
10
Sector Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
SA
30
Erase Suspend (Note 14)
1
XXX
B0
Erase Resume (Note 15)
1
XXX
30
Legend
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses latch on the
falling edge of the WE# or CE# pulse, whichever happens later.
PD = Data to be programmed at location PA. Data latches on the rising edge of
WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or erased. Address
bits A18–A12 uniquely select any sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com