Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29AS008J Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 13Page - Cypress Semiconductor S29AS008J Datasheet HTML 14Page - Cypress Semiconductor S29AS008J Datasheet HTML 15Page - Cypress Semiconductor S29AS008J Datasheet HTML 16Page - Cypress Semiconductor S29AS008J Datasheet HTML 17Page - Cypress Semiconductor S29AS008J Datasheet HTML 18Page - Cypress Semiconductor S29AS008J Datasheet HTML 19Page - Cypress Semiconductor S29AS008J Datasheet HTML 20Page - Cypress Semiconductor S29AS008J Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 17 of 56
S29AS008J
7.12
Temporary Sector Group Unprotect
This feature allows temporary unprotection of previously protected sectors to change data in-system. The Sector Group Unprotect
mode is activated by setting the RESET# pin to VID. During this mode, formerly protected sectors can be programmed or erased by
selecting the sector addresses. Once VID is removed from the RESET# pin, all the previously protected sectors are protected again.
Figure 7.2 shows the algorithm, and Figure 18.10 on page 48 shows the timing diagrams, for this feature. If the WP# pin is at VIL, the
sectors protected by the WP# input will remain protected during the Temporary Sector Group Unprotect mode.
Figure 7.2 Temporary Sector Group Unprotect Operation
Notes
1. All protected sector groups unprotected.
2. All previously protected sector groups are protected once again.
7.13
Write Protect (WP#)
The Write Protect function provides a hardware method of protecting certain boot sectors without using VID. This function is one of
two provided by the WP# pin.
If the system asserts VIL on the WP# pin, the device disables program and erase functions in the two outermost 8-Kbyte boot
sectors independently of whether those sectors were protected or unprotected using the method described in Section 7.11, Sector
Group Protection/Unprotection on page 15. The two outermost 8-Kbyte boot sectors are the two sectors containing the lowest
addresses in a bottom-boot-configured device, or the two sectors containing the highest addresses in a top-boot-configured device.
If the system asserts VIH on the WP# pin, the device reverts to whether the two outermost 8-KByte boot sectors were last set to be
protected or unprotected. That is, sector group protection or unprotection for these two sectors depends on whether they were last
protected or unprotected using the method described in Section 7.11.
The WP# contains an internal pull-up; when unconnected, WP is at VIH.
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector Group
Unprotect Completed
(Note 2)
RESET# = VID
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com