Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29AS008J Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 14Page - Cypress Semiconductor S29AS008J Datasheet HTML 15Page - Cypress Semiconductor S29AS008J Datasheet HTML 16Page - Cypress Semiconductor S29AS008J Datasheet HTML 17Page - Cypress Semiconductor S29AS008J Datasheet HTML 18Page - Cypress Semiconductor S29AS008J Datasheet HTML 19Page - Cypress Semiconductor S29AS008J Datasheet HTML 20Page - Cypress Semiconductor S29AS008J Datasheet HTML 21Page - Cypress Semiconductor S29AS008J Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 18 of 56
S29AS008J
7.14
Hardware Data Protection
The command sequence requirement of unlock cycles for programming or erasing provides data protection against inadvertent
writes (refer to Table on page 30 for command definitions). In addition, the following hardware data protection measures prevent
accidental erasure or programming, which might otherwise be caused by spurious system level signals during VCC power-up and
power-down transitions, or from system noise.
7.14.1
Low VCC Write Inhibit
When VCC is less than VLKO, the device does not accept any write cycles. This protects data during VCC power-up and power-down.
The command register and all internal program/erase circuits are disabled, and the device resets. Subsequent writes are ignored
until VCC is greater than VLKO. The system must provide the proper signals to the control pins to prevent unintentional writes when
VCC is greater than VLKO.
7.14.2
Write Pulse Glitch Protection
Noise pulses of less than 5 ns (typical) on OE#, CE# or WE# do not initiate a write cycle.
7.14.3
Logical Inhibit
Write cycles are inhibited by holding any one of OE# = VIL, CE# = VIH or WE# = VIH. To initiate a write cycle, CE# and WE# must be
a logical zero (VIL) while OE# is a logical one (VIH).
7.14.4
Power-Up Write Inhibit
If WE# = CE# = VIL and OE# = VIH during power up, the device does not accept commands on the rising edge of WE#. The internal
state machine is automatically reset to reading array data on power-up.
8.
Secured Silicon Sector Flash Memory Region
The Secured Silicon Sector feature provides a 256-byte Flash memory region that enables permanent part identification through an
Electronic Serial Number (ESN). The Secured Silicon Sector uses a Secured Silicon Sector Indicator Bit (DQ7) to indicate whether
or not the Secured Silicon Sector is locked when shipped from the factory. This bit is permanently set at the factory and cannot be
changed, which prevents cloning of a factory-locked part. This ensures the security of the ESN once the product is shipped to the
field.
Cypress offers the device with the Secured Silicon Sector either factory-locked or customer-lockable. The factory-locked version is
always protected when shipped from the factory, and has the Secured Silicon Sector Indicator Bit permanently set to a 1. The
customer-lockable version is shipped with the Secured Silicon Sector group unprotected, allowing customers to utilize the that sector
in any manner they choose. The customer-lockable version has the Secured Silicon Sector Indicator Bit permanently set to a 0.
Thus, the Secured Silicon Sector Indicator Bit prevents customer-lockable devices from being used to replace devices that are
factory locked.
The system accesses the Secured Silicon Sector through a command sequence (see Enter Secured Silicon Sector/Exit Secured
Silicon Sector Command Sequence on page 26). After the system writes the Enter Secured Silicon Sector command sequence, it
may read the Secured Silicon Sector by using the addresses normally occupied by the boot sectors. This mode of operation
continues until the system issues the Exit Secured Silicon Sector command sequence, or until power is removed from the device. On
power-up, or following a hardware reset, the device reverts to sending commands to the boot sectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com